Electronic Components Datasheet Search
  English  ▼

X  

S5D9 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # S5D9
Description  Microcontroller
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 29Page - Renesas Technology Corp S5D9 Datasheet HTML 30Page - Renesas Technology Corp S5D9 Datasheet HTML 31Page - Renesas Technology Corp S5D9 Datasheet HTML 32Page - Renesas Technology Corp S5D9 Datasheet HTML 33Page - Renesas Technology Corp S5D9 Datasheet HTML 34Page - Renesas Technology Corp S5D9 Datasheet HTML 35Page - Renesas Technology Corp S5D9 Datasheet HTML 36Page - Renesas Technology Corp S5D9 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 33 of 115
Nov 3, 2016
S5D9
2. Electrical Characteristics
Note 4.
All input pins except for the peripheral function pins already described in the table.
Note 5.
P205, P206, P400, P401, P407 to P415, P511, P512, P708 to P713, PB01 (total 22 pins).
Note 6.
All input pins except for the ports already described in the table.
Note 7.
When VCC is less than 2.7 V, the input voltage of 5V-tolerant ports should be less than 3.6 V, otherwise breakdown may occur
because 5V-tolerant ports are electrically controlled so as not to violate the break down voltage.
2.2.3
I/O IOH, IOL
Caution:
To protect the reliability of the MCU, the output current values should not exceed the values in this
table. The average output current indicates the average value of current measured during 100 μs.
Note 1.
This is the value when low driving ability is selected in the port drive capability bit in the PmnPFS register. The selected driving
ability is retained in Deep Software Standby mode.
Note 2.
This is the value when middle driving ability is selected in the port drive capability bit in the PmnPFS register. The selected
driving ability is retained in Deep Software Standby mode.
Note 3.
This is the value when high driving ability is selected in the port drive capability bit in the PmnPFS register. The selected driving
ability is retained in Deep Software Standby mode.
Table 2.5
I/O IOH, IOL
Item
Symbol
Min
Typ
Max
Unit
Permissible output current
(average value per pin)
Ports P008 to P010, P201
-
IOH
-
--
–2.0
mA
IOL
--2.0
mA
Ports P014, P015
-
IOH
-
-
–4.0
mA
IOL
--4.0
mA
Ports P205, P206, P407 to P415,
P602, P708 to P713, PB01 (total
19 pins)
Low drive
*1
IOH
-
-
–2.0
mA
IOL
--2.0
mA
Middle drive
*2
IOH
-
-
–4.0
mA
IOL
--4.0
mA
High drive
*3
IOH
-
-
–20
mA
IOL
--20
mA
Other output pins
*4
Low drive
*1
IOH
-
-
–2.0
mA
IOL
--2.0
mA
Middle drive
*2
IOH
-
-
–4.0
mA
IOL
--4.0
mA
High drive
*3
IOH
-
-
–16
mA
IOL
--16
mA
Permissible output current
(max value per pin)
Ports P008 to P010, P201
-
IOH
-
-
–4.0
mA
IOL
--4.0
mA
Ports P014, P015
-
IOH
-
-
–8.0
mA
IOL
--8.0
mA
Ports P205, P206, P407 to P415,
P602, P708 to P713, PB01
(total 19 pins)
Low drive
*1
IOH
-
-
–4.0
mA
IOL
--4.0
mA
Middle drive
*2
IOH
-
-
–8.0
mA
IOL
--8.0
mA
High drive
*3
IOH
-
-
–40
mA
IOL
--40
mA
Other output pins
*4
Low drive
*1
IOH
-
-
–4.0
mA
IOL
--4.0
mA
Middle drive
*2
IOH
-
-
–8.0
mA
IOL
--8.0
mA
High drive
*3
IOH
-
-
–32
mA
IOL
--32
mA
Permissible output current
(max value total pins)
Maximum of all output pins
ΣIOH (max)
-
-
–80
mA
ΣIOL (max)
--80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com