Electronic Components Datasheet Search
  English  ▼

X  

S5D9 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # S5D9
Description  Microcontroller
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 42Page - Renesas Technology Corp S5D9 Datasheet HTML 43Page - Renesas Technology Corp S5D9 Datasheet HTML 44Page - Renesas Technology Corp S5D9 Datasheet HTML 45Page - Renesas Technology Corp S5D9 Datasheet HTML 46Page - Renesas Technology Corp S5D9 Datasheet HTML 47Page - Renesas Technology Corp S5D9 Datasheet HTML 48Page - Renesas Technology Corp S5D9 Datasheet HTML 49Page - Renesas Technology Corp S5D9 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 46 of 115
Nov 3, 2016
S5D9
2. Electrical Characteristics
Note 2.
tNMICK indicates the cycle of the NMI digital filter sampling clock.
Note 3.
tIRQCK indicates the cycle of the IRQi digital filter sampling clock.
Figure 2.14
NMI interrupt input timing
Figure 2.15
IRQ interrupt input timing
2.3.6
Bus Timing
Table 2.18
Bus timing (1 of 2)
Condition 1: When using the CS area controller (CSC).
BCLK = 8 to 120 MHz, EBCLK = 8 to 60 MHz
VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0,
VCC_USBHS = AVCC_USBHS = 3.0 to 3.6 V
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
EBCLK: High drive output is selected in the port drive capability bit in the PmnPFS register.
Others: Middle drive output is selected in the port drive capability bit in the PmnPFS register.
Condition 2: When using the SDRAM area controller (SDRAMC).
BCLK = SDCLK = 8 to 120 MHz
VCC = AVCC0 = VCC_USB = VBATT = 3.0 to 3.6 V, VREFH/VREFH0 = 3.0 V to AVCC0,
VCC_USBHS = AVCC_USBHS = 3.0 to 3.6 V
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 15 pF
High drive output is selected in the port drive capability bit in the PmnPFS register.
Condition 3: When using the SDRAM area controller (SDRAMC) and CS area controller (CSC) simultaneously.
BCLK = SDCLK = 8 to 60 MHz
VCC = AVCC0 = VCC_USB = VBATT = 3.0 to 3.6 V, VREFH/VREFH0 = 3.0 V to AVCC0,
VCC_USBHS = AVCC_USBHS = 3.0 to 3.6 V
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 15 pF
High drive output is selected in the port drive capability bit in the PmnPFS register.
Item
Symbol
Min
Max
Unit
Test conditions
Address delay
tAD
-
12.5
ns
Figure 2.18 to
Figure 2.21
Byte control delay
tBCD
-
12.5
ns
CS delay
tCSD
-
12.5
ns
ALE delay time
tALED
-
12.5
ns
RD delay
tRSD
-
12.5
ns
Read data setup time
tRDS
12.5
-
ns
Read data hold time
tRDH
0-
ns
WR/WRn delay
tWRD
-
12.5
ns
Write data delay
tWDD
-
12.5
ns
Write data hold time
tWDH
0-
ns
WAIT setup time
tWTS
12.5
-
ns
Figure 2.22
WAIT hold time
tWTH
0-
ns
tNMIW
NMI
tIRQW
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com