Electronic Components Datasheet Search
  English  ▼

X  

S5D9 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # S5D9
Description  Microcontroller
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 11Page - Renesas Technology Corp S5D9 Datasheet HTML 12Page - Renesas Technology Corp S5D9 Datasheet HTML 13Page - Renesas Technology Corp S5D9 Datasheet HTML 14Page - Renesas Technology Corp S5D9 Datasheet HTML 15Page - Renesas Technology Corp S5D9 Datasheet HTML 16Page - Renesas Technology Corp S5D9 Datasheet HTML 17Page - Renesas Technology Corp S5D9 Datasheet HTML 18Page - Renesas Technology Corp S5D9 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 15 of 115
Nov 3, 2016
S5D9
1. Overview
1.5
Pin Functions
Table 1.16
Pin functions (1 of 5)
Function
Signal
I/O
Description
Power supply
VCC
Input
Digital voltage supply pin. This is used as the digital power supply for the
respective modules and internal voltage regulator, and used to monitor the
voltage of the POR/LVD. Connect to the system power supply. Connect to
VSS through a 0.1-μF smoothing capacitor close to each VCC pin.
VCL0
-
Connect to VSS through a 0.1-μF smoothing capacitor close to each VCL
pin. Stabilize the internal power supply.
VCL
-
VSS
Input
Ground pin. Connect to the system power supply (0 V).
VBATT
Input
Backup power pin.
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be input through the
EXTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal resonator
between XCOUT and XCIN.
XCOUT
Output
EBCLK
Output
Outputs the external bus clock for external devices.
SDCLK
Output
Outputs the SDRAM-dedicated clock.
CLKOUT
Output
Clock output pin.
Operating mode
control
MD
Input
Pin for setting the operating mode. The signal level on this pin must not be
changed during operation mode transition on release from the reset state.
System control
RES
Input
Reset signal input pin. The MCU enters the reset state when this signal goes
low.
CAC
CACREF
Input
Measurement reference clock input pin.
Interrupt
NMI
Input
Non-maskable interrupt request pin.
IRQ0 to IRQ15
Input
Maskable interrupt request pins.
KINT
KR00 to KR07
Input
A key interrupt can be generated by inputting a falling edge to the key
interrupt input pins.
On-chip emulator
TMS
I/O
On-chip emulator or boundary scan pins.
TDI
Input
TCK
Input
TDO
Output
TCLK
Output
This pin outputs the clock for synchronization with the trace data.
TDATA0 to TDATA3
Output
Trace data output.
SWDIO
I/O
Serial wire debug data input/output pin.
SWCLK
Input
Serial wire clock pin.
SWO
Output
Serial wire trace output pin.
External bus
interface
RD
Output
Strobe signal indicating that reading from the external bus interface space is
in progress, active low.
WR
Output
Strobe signal indicating that writing to the external bus interface space is in
progress, in 1-write strobe mode, active low.
WR0 to WR1
Output
Strobe signals indicating that either group of data bus pins (D07 to D00 or
D15 to D08) is valid in writing to the external bus interface space, in byte
strobe mode, active low.
BC0 to BC1
Output
Strobe signals indicating that either group of data bus pins (D07 to D00 or
D15 to D08) is valid in access to the external bus interface space, in 1-write
strobe mode, active low.
ALE
Output
Address latch signal when address/data multiplexed bus is selected.
WAIT
Input
Input pin for wait request signals in access to the external space, active low.
CS0 to CS7
Output
Select signals for CS areas, active low.
A00 to A23
Output
Address bus.
D00 to D15
I/O
Data bus.
A00/D00 to A15/D15
I/O
Address/data multiplexed bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com