Electronic Components Datasheet Search
  English  ▼

X  

S5D9 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # S5D9
Description  Microcontroller
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 64Page - Renesas Technology Corp S5D9 Datasheet HTML 65Page - Renesas Technology Corp S5D9 Datasheet HTML 66Page - Renesas Technology Corp S5D9 Datasheet HTML 67Page - Renesas Technology Corp S5D9 Datasheet HTML 68Page - Renesas Technology Corp S5D9 Datasheet HTML 69Page - Renesas Technology Corp S5D9 Datasheet HTML 70Page - Renesas Technology Corp S5D9 Datasheet HTML 71Page - Renesas Technology Corp S5D9 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 68 of 115
Nov 3, 2016
S5D9
2. Electrical Characteristics
2.3.11
SPI Timing
Note 1.
tPcyc: PCLKA cycle.
Table 2.25
SPI timing
Conditions:
For RSPCKA and RSPCKB pins, high drive output is selected with the port drive capability bit in the PmnPFS register.
For other pins, middle drive output is selected in the port drive capability bit in the PmnPFS register.
Item
Symbol
Min
Max
Unit*1
Test conditions*2
SPI
RSPCK clock cycle
Master
tSPcyc
2 (PCLKA
 60 MHz)
4 (PCLKA > 60 MHz)
4096
tPcyc
Figure 2.47
C = 30 pF
Slave
4
4096
RSPCK clock high
pulse width
Master
tSPCKWH (tSPcyc – tSPCKR –
tSPCKF) / 2 – 3
-ns
Slave
2 × tPcyc
-
RSPCK clock low pulse
width
Master
tSPCKWL (tSPcyc – tSPCKR –
tSPCKF) / 2 – 3
-ns
Slave
2 × tPcyc
-
RSPCK clock rise and
fall time
Master
tSPCKr,
tSPCKf
-5
ns
Slave
-
1
µs
Data input setup time
Master
tSU
4-
ns
Figure 2.48 to
Figure 2.53
C = 30 pF
Slave
5
-
Data input hold time
Master
(PCLKA division ratio
set to 1/2)
tHF
0-
ns
Master
(PCLKA division ratio
set to a value other
than 1/2)
tH
tPcyc
-
Slave
tH
20
-
SSL setup time
Master
tLEAD
N × tSPcyc - 10*3
N ×
tSPcyc +
100*3
ns
Slave
6 x tPcyc
-ns
SSL hold time
Master
tLAG
N × tSPcyc - 10 *4
N ×
tSPcyc +
100*4
ns
Slave
6 x tPcyc
-ns
Data output delay
Master
tOD
-6.3
ns
Slave
-
20
Data output hold time
Master
tOH
0-
ns
Slave
0
-
Successive
transmission delay
Master
tTD
tSPcyc + 2 × tPcyc
8 ×
tSPcyc +
2 × tPcyc
ns
Slave
6 × tPcyc
MOSI and MISO rise
and fall time
Output
tDr, tDf
-5
ns
Input
-
1
μs
SSL rise and fall time
Output
tSSLr,
tSSLf
-5
ns
Input
-
1
μs
Slave access time
tSA
-2 x tPcyc
+ 28
ns
Figure 2.52 and
Figure 2.53
C = 30PF
Slave output release time
tREL
-2 x tPcyc
+ 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com