Electronic Components Datasheet Search
  English  ▼

X  

S5D9 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # S5D9
Description  Microcontroller
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 79Page - Renesas Technology Corp S5D9 Datasheet HTML 80Page - Renesas Technology Corp S5D9 Datasheet HTML 81Page - Renesas Technology Corp S5D9 Datasheet HTML 82Page - Renesas Technology Corp S5D9 Datasheet HTML 83Page - Renesas Technology Corp S5D9 Datasheet HTML 84Page - Renesas Technology Corp S5D9 Datasheet HTML 85Page - Renesas Technology Corp S5D9 Datasheet HTML 86Page - Renesas Technology Corp S5D9 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 83 of 115
Nov 3, 2016
S5D9
2. Electrical Characteristics
2.3.17
PDC Timing
Note 1.
tPBcyc: PCLKB cycle.
Figure 2.73
PDC input clock timing
Figure 2.74
PDC output clock timing
Table 2.32
PDC timing
Conditions: Middle drive output is selected in the port drive capability bit in the PmnPFS register.
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
Item
Symbol
Min
Max
Unit
Test
conditions
PDC
PIXCLK input cycle time
tPIXcyc
37
-
ns
Figure 2.73
PIXCLK input high pulse width
tPIXH
10
-
ns
PIXCLK input low pulse width
tPIXL
10
-
ns
PIXCLK rise time
tPIXr
-5
ns
PIXCLK fall time
tPIXf
-5
ns
PCKO output cycle time
tPCKcyc
2 × tPBcyc
-ns
Figure 2.74
PCKO output high pulse width
tPCKH
(tPCKcyc – tPCKr – tPCKf)/2 – 3
-
ns
PCKO output low pulse width
tPCKL
(tPCKcyc – tPCKr – tPCKf)/2 – 3
-
ns
PCKO rise time
tPCKr
-5
ns
PCKO fall time
tPCKf
-5
ns
VSYNV/HSYNC input setup time
tSYNCS
10
-
ns
Figure 2.75
VSYNV/HSYNC input hold time
tSYNCH
5-
ns
PIXD input setup time
tPIXDS
10
-
ns
PIXD input hold time
tPIXDH
5-
ns
tPIXcyc
tPIXH
tPIXf
tPIXL
tPIXr
PIXCLK input
tPCKcyc
tPCKH
tPCKf
tPCKL
tPCKr
PCKO pin output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com