Electronic Components Datasheet Search
  English  ▼

X  

WM8950 Datasheet(PDF) 33 Page - Cirrus Logic

Part # WM8950
Description  ADC with Microphone Input and Programmable Digital Filters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8950 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button WM8950 Datasheet HTML 29Page - Cirrus Logic WM8950 Datasheet HTML 30Page - Cirrus Logic WM8950 Datasheet HTML 31Page - Cirrus Logic WM8950 Datasheet HTML 32Page - Cirrus Logic WM8950 Datasheet HTML 33Page - Cirrus Logic WM8950 Datasheet HTML 34Page - Cirrus Logic WM8950 Datasheet HTML 35Page - Cirrus Logic WM8950 Datasheet HTML 36Page - Cirrus Logic WM8950 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
WM8950
Rev 4.5
33
Input
Signal
Output
of PGA
ALCLVL
PGA
Gain
NGTH
Figure 17 Noise Gate Operation
GRAPHIC EQUALISER
A 5-band graphic EQ is provided, which can be applied to the ADC data under control of the
EQMODE register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18
EQ Control 1
8
EQMODE
1
0 = Equaliser applied to ADC data
1 = Equaliser bypassed
Table 23 EQ Select
The equaliser consists of low and high frequency shelving filters (Band 1 and 5) and three peak filters
for the centre bands. Each has adjustable cut-off or centre frequency, and selectable boost (+/- 12dB
in 1dB steps). The peak filters have selectable bandwidth.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18
EQ Band 1
4:0
EQ1G
01100
(0dB)
Band 1 Gain Control. See Table 29 for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com