Electronic Components Datasheet Search
  English  ▼

X  

WM8950 Datasheet(PDF) 35 Page - Cirrus Logic

Part # WM8950
Description  ADC with Microphone Input and Programmable Digital Filters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8950 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button WM8950 Datasheet HTML 31Page - Cirrus Logic WM8950 Datasheet HTML 32Page - Cirrus Logic WM8950 Datasheet HTML 33Page - Cirrus Logic WM8950 Datasheet HTML 34Page - Cirrus Logic WM8950 Datasheet HTML 35Page - Cirrus Logic WM8950 Datasheet HTML 36Page - Cirrus Logic WM8950 Datasheet HTML 37Page - Cirrus Logic WM8950 Datasheet HTML 38Page - Cirrus Logic WM8950 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
WM8950
Rev 4.5
35
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22
EQ Band 5
Gain Control
4:0
EQ5G
01100
(0dB)
Band 5 Gain Control. See Table 29 for
details.
6:5
EQ5C
01
Band 5 Cut-off Frequency:
00=5.3kHz
01=6.9kHz
10=9kHz
11=11.7kHz
Table 28 EQ Band 5 Control
GAIN REGISTER
GAIN
00000
+12dB
00001
+11dB
00010
+10dB
…. (1dB steps)
01100
0dB
01101
-1dB
11000 to 11111
-12dB
Table 29 Gain Register Table
A dedicated buffer is available for tying off unused analogue input pins as shown below Figure 18.
This buffer can be enabled using the BUFIOEN register bit.
AVDD/2
-
+
AVDD/2
Used to tie off all unused inputs
BUFIOEN
R1[2]
Figure 18 Unused Input Pin Tie-off Buffers
THERMAL SHUTDOWN
To protect the WM8950 from overheating a thermal shutdown circuit is included. If the device
temperature reaches approximately 1250C and the thermal shutdown circuit is enabled (TSDEN=1),
an interrupt can be generated. See the GPIO and Interrupt Controller section for details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
Output control
1
TSDEN
1
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 30 Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com