Electronic Components Datasheet Search
  English  ▼

X  

WM8950 Datasheet(PDF) 4 Page - Cirrus Logic

Part # WM8950
Description  ADC with Microphone Input and Programmable Digital Filters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8950 Datasheet(HTML) 4 Page - Cirrus Logic

  WM8950 Datasheet HTML 1Page - Cirrus Logic WM8950 Datasheet HTML 2Page - Cirrus Logic WM8950 Datasheet HTML 3Page - Cirrus Logic WM8950 Datasheet HTML 4Page - Cirrus Logic WM8950 Datasheet HTML 5Page - Cirrus Logic WM8950 Datasheet HTML 6Page - Cirrus Logic WM8950 Datasheet HTML 7Page - Cirrus Logic WM8950 Datasheet HTML 8Page - Cirrus Logic WM8950 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
WM8950
4
Rev 4.5
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
MICBIAS
Analogue Output
Microphone bias
2
AVDD
Supply
Analogue supply (feeds ADC)
3
AGND
Supply
Analogue ground (feeds ADC)
4
DCVDD
Supply
Digital core supply
5
DBVDD
Supply
Digital buffer (input/output) supply
6
DGND
Supply
Digital ground
7
ADCDAT
Digital Output
ADC digital audio data output
8
TP
Test Pin
Connect to ground
9
FRAME
Digital Input / Output
ADC sample rate clock or frame synch
10
BCLK
Digital Input / Output
Digital audio bit clock
11
MCLK
Digital Input
Master clock input
12
CSB/GPIO
Digital Input / Output
3-Wire MPU chip select or general purpose input/output pin.
13
SCLK
Digital Input
3-Wire MPU clock Input / 2-Wire MPU Clock Input
14
SDIN
Digital Input / Output
3-Wire MPU data Input / 2-Wire MPU Data Input
15
MODE
Digital Input
Control interface mode selection pin.
16
DNC
Do not connect
Leave this pin floating
17
DNC
Do not connect
Leave this pin floating
18
AGND2
Supply
Analogue ground
19
DNC
Do not connect
Leave this pin floating
20
AVDD2
Supply
Analogue supply
21
AUX
Analogue Input
Auxiliary analogue input
22
VMID
Reference
Decoupling for midrail reference voltage
23
MICN
Analogue Input
Microphone negative input
24
MICP
Analogue Input
Microphone positive input (common mode)
Note:
It is recommended that the QFN ground paddle should be connected to analogue ground on the application PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com