Electronic Components Datasheet Search
  English  ▼

X  

M0518 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # M0518
Description  36/68 Kbytes flash, 8K bytes SRAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0518 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button M0518 Datasheet HTML 35Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 36Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 37Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 38Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 39Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 40Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 41Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 42Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
NuMicro M0518 Series Datasheet
Feb 08, 2017
Page 39 of 72
Revision 1.01
6.3.4 Frequency Divider Output
This device is equipped with a power-of-2 frequency divider which is composed by16 chained
divide-by-2 shift registers. One of the 16 shift register outputs selected by a sixteen to one
multiplexer is reflected to CLKO function pin. Therefore there are 16 options of power-of-2 divided
clocks with the frequency from Fin/2
1 to F
in/2
16 where Fin is input clock frequency to the clock
divider.
The output formula is Fout = Fin/2
(N+1), where F
in is the input clock frequency, Fout is the clock
divider output frequency and N is the 4-bit value in FSEL (FRQDIV[3:0]).
When writing 1 to DIVIDER_EN (FRQDIV[4]), the chained counter starts to count. When writing 0
to DIVIDER_EN (FRQDIV[4]), the chained counter continuously runs till divided clock reaches low
state and stay in low state.
If DIVIDER1(FRQDIV[5]) is set to 1, the frequency divider clock (FRQDIV_CLK) will bypass
power-of-2 frequency divider. The frequency divider clock will be output to CLKO pin directly.
11
10
01
00
HCLK
Reserved
4~24 MHz
22.1184 MHz
FRQDIV_S (CLKSEL2[3:2])
FDIV_EN (APBCLK[6])
FRQDIV_CLK
Figure 6-7 Clock Source of Frequency Divider
0000
0001
1110
1111
:
:
16 to 1
MUX
1/2
1/22
1/23
1/215
1/216
…...
FSEL
(FRQDIV[3:0])
CLKO
FRQDIV_CLK
16 chained
divide-by-2 counter
DIVIDER_EN
(FRQDIV[4])
Enable
divide-by-2 counter
0
1
DIVIDER1
(FRQDIV[5])
Figure 6-8 Frequency Divider Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com