Electronic Components Datasheet Search
  English  ▼

X  

M0518 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # M0518
Description  36/68 Kbytes flash, 8K bytes SRAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0518 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button M0518 Datasheet HTML 45Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 46Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 47Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 48Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 49Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 50Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 51Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 52Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
NuMicro M0518 Series Datasheet
Feb 08, 2017
Page 49 of 72
Revision 1.01
6.11 UART Interface Controller (UART)
6.11.1 Overview
The NuMicro
 M0518 series provides up to six channels of Universal Asynchronous
Receiver/Transmitters (UART). UART0/UART1/UART2 supports 16 bytes entry FIFO and
UART3/UART4/UART5 support 1 byte buffer for data payload. Besides, only UART0 and UART1
support the flow control function. The UART Controller performs a serial-to-parallel conversion on
data received from the peripheral, and a parallel-to-serial conversion on data transmitted from the
CPU. The UART controller also supports IrDA SIR Function. UART0/UART1 provides RS-485
function mode. UART0/UART1/UART2 provides LIN master/slave function.
6.11.2 Features
Full duplex, asynchronous communications
Separates receive / transmit 16/16 bytes (UART0/UART1/UART2 support) entry FIFO
and 1/1 bytes buffer for data payloads (UART3/UART4/UART5 support)
Supports hardware auto-flow control function (CTS, RTS) and programmable RTS
flow control trigger level (UART0/UART1 support).
Programmable receiver buffer trigger level
Supports programmable baud-rate generator for each channel individually
Supports CTS wake-up function (UART0/UART1 support)
Supports 7-bit receiver buffer time-out detection function
Programmable transmitting data delay time between the last stop and the next start bit
by setting DLY (UA_TOR [15:8]) register
Supports break error, frame error, parity error and receive / transmit buffer overflow
detect function
Fully programmable serial-interface characteristics
-
Programmable data bit length, 5-, 6-, 7-, 8-bit character
-
Programmable parity bit, even, odd, no parity or stick parity bit generation and
detection
-
Programmable stop bit length, 1, 1.5, or 2 stop bit generation
IrDA SIR function mode
-
Supports 3/16-bit duration for normal mode
LIN function mode (UART0/UART1/UART2 support)
-
Supports LIN master/slave mode
-
Supports programmable break generation function for transmitter
-
Supports break detect function for receiver
RS-485 function mode. (UART0/UART1 support)
-
Supports RS-485 9-bit mode
-
Supports hardware or software direct enable control provided by RTS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com