Electronic Components Datasheet Search
  English  ▼

X  

M0518 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # M0518
Description  36/68 Kbytes flash, 8K bytes SRAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0518 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button M0518 Datasheet HTML 37Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 38Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 39Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 40Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 41Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 42Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 43Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 44Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
NuMicro M0518 Series Datasheet
Feb 08, 2017
Page 41 of 72
Revision 1.01
6.5 General Purpose I/O (GPIO)
6.5.1 Overview
The NuMicro
 M0518 series has up to 56 General Purpose I/O pins to be shared with other
function pins depending on the chip configuration. These 56 pins are arranged in 6 ports named
as GPIOA, GPIOB, GPIOC, GPIOD, GPIOE and GPIOF. The GPIOA/B port has the maximum of
16 pins. The GPIOC port has the maximum of 12 pins. The GPIOD port has the maximum of 4
pins. The GPIOE port has the maximum of 1 pin. The GPIOF port has the maximum of 7 pins.
Each of the 56 pins is independent and has the corresponding register bits to control the pin
mode function and data.
The I/O type of each of I/O pins can be configured by software individually as input, output, open-
drain or Quasi-bidirectional mode. After reset, the I/O mode of all pins are depending on
Config0[10] setting. In Quasi-bidirectional mode, I/O pin has a very weak individual pull-up
resistor which is about 110~300 K
 for V
DD from 5.0 V to 2.5 V.
6.5.2 Features
Four I/O modes:
-
Quasi-bidirectional
-
Push-Pull output
-
Open-Drain output
-
Input only with high impendence
TTL/Schmitt trigger input selectable by GPx_TYPE[15:0] in GPx_MFP[31:16]
I/O pin configured as interrupt source with edge/level setting
Configurable default I/O mode of all pins after reset by Config0[10] setting
-
If Config[10] is 0, all GPIO pins in input tri-state mode after chip reset
-
If Config[10] is 1, all GPIO pins in Quasi-bidirectional mode after chip reset
I/O pin internal pull-up resistor enabled only in Quasi-bidirectional I/O mode
Enabling the pin interrupt function will also enable the pin wake-up function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com