Electronic Components Datasheet Search
  English  ▼

X  

M0518 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # M0518
Description  36/68 Kbytes flash, 8K bytes SRAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0518 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button M0518 Datasheet HTML 3Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 4Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 5Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 6Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 7Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 8Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 9Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 10Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
NuMicro M0518 Series Datasheet
Feb 08, 2017
Page 7 of 72
Revision 1.01
1
GENERAL DESCRIPTION
The NuMicro
 M0518 series is embedded with the Cortex™-M0 core running up to 50 MHz and
features 36/68 Kbytes flash, 8K bytes SRAM, and 4 Kbytes loader ROM for the ISP. It is also
equipped with plenty of peripheral devices, such as Timers, Watchdog Timer (WDT), Window
Watchdog Timer (WWDT), UART, SPI, I
2C, PWM, GPIO, LIN, 800 kSPS high speed 12-bit ADC,
Low Voltage Reset Controller and Brown-out Detector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com