Electronic Components Datasheet Search
  English  ▼

X  

M0518 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M0518
Description  36/68 Kbytes flash, 8K bytes SRAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0518 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M0518 Datasheet HTML 1Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 2Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 3Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 4Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 5Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 6Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 7Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 8Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
NuMicro M0518 Series Datasheet
Feb 08, 2017
Page 4 of 72
Revision 1.01
8.4 Analog Characteristics...........................................................................62
8.4.1 12-bit SARADC Specification ........................................................................ 62
8.4.2 LDO and Power Management Specification ...................................................... 63
8.4.3 Low Voltage Reset Specification .................................................................... 64
8.4.4 Brown-out Detector Specification ................................................................... 64
8.4.5 Power-on Reset Specification ....................................................................... 64
8.5 Flash DC Electrical Characteristics............................................................66
8.6 I
2C Dynamic Characteristics ....................................................................67
8.7 SPI Dynamic Characteristics ...................................................................68
9 PACKAGE DIMENSIONS .................................................................................... 70
9.1 64-pin LQFP (7x7x1.4 mm footprint 2.0 mm) ................................................70
9.2 48-pin LQFP (7x7x1.4 mm footprint 2.0 mm) ................................................71
10REVISION HISTORY............................................................................................ 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com