Electronic Components Datasheet Search
  English  ▼

X  

M0518 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # M0518
Description  36/68 Kbytes flash, 8K bytes SRAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0518 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button M0518 Datasheet HTML 5Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 6Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 7Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 8Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 9Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 10Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 11Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 12Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
NuMicro M0518 Series Datasheet
Feb 08, 2017
Page 9 of 72
Revision 1.01
– Supports independent mode for BPWM output/Capture input channel
– Supports 12-bit pre-scalar from 1 to 4096
– Supports 16-bit resolution BPWM counter
 Up, down and up/down counter operation type
– Supports mask function and tri-state enable for each BPWM pin
– Supports interrupt on the following events:
 BPWM counter match zero, period value or compared value
– Supports trigger ADC on the following events:
 BPWM counter match zero, period value or compared value
– Supports up to 12 capture input channels with 16-bit resolution
– Supports rising edges, falling edges or both edges capture condition
– Supports input rising edges, falling edges or both edges capture interrupt
– Supports rising edges, falling edges or both edges capture with counter reload option
 PWM/Capture
– Supports maximum clock frequency up to 100MHz
– Supports up to two PWM modules, each module provides three 16-bit timers and 6 output
channels
– Supports independent mode for PWM output/Capture input channel
– Supports complementary mode for 3 complementary paired PWM output channel
 Dead-time insertion with 12-bit resolution
 Two compared values during one period
– Supports 12-bit pre-scalar from 1 to 4096
– Supports 16-bit resolution PWM counter
 Up, down and up/down counter operation type
– Supports mask function and tri-state enable for each PWM pin
– Supports brake function
 Brake source from pin and system safety events (clock failed, Brown-out detection and
CPU lockup)
 Noise filter for brake source from pin
 Edge detect brake source to control brake state until brake interrupt cleared
 Level detect brake source to auto recover function after brake condition removed
– Supports interrupt on the following events:
 PWM counter match zero, period value or compared value
 Brake condition happened
– Supports trigger ADC on the following events:
 PWM counter match zero, period value or compared value
– Supports up to 12 capture input channels with 16-bit resolution
– Supports rising edges, falling edges or both edges capture condition
– Supports input rising edges, falling edges or both edges capture interrupt
– Supports rising edges, falling edges or both edges capture with counter reload option
 UART
– Up to six UART controllers
– UART0 and UART1 ports with flow control (TXD, RXD, nCTS and nRTS)
– UART0, UART1 and UART2 with 16-byte FIFO for standard device
– Supports IrDA (SIR) and LIN function
– Supports RS-485 9-bit mode and direction control
– Supports auto baud-rate generator
 SPI
– One set of SPI controller
– Supports SPI Master/Slave mode
– Full duplex synchronous serial data transfer
– Variable length of transfer data from 8 to 32 bits
– MSB or LSB first data transfer
– Rx and Tx on both rising or falling edge of serial clock independently
– Supports Byte Suspend mode in 32-bit transmission
– Supports three wire, no slave select signal, bi-direction interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com