Electronic Components Datasheet Search
  English  ▼

X  

M0518 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # M0518
Description  36/68 Kbytes flash, 8K bytes SRAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0518 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button M0518 Datasheet HTML 4Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 5Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 6Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 7Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 8Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 9Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 10Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 11Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
NuMicro M0518 Series Datasheet
Feb 08, 2017
Page 8 of 72
Revision 1.01
2
FEATURES
 ARM®
Cortex™-M0 core
– Runs up to 50 MHz
– One 24-bit system timer
– Supports low power sleep mode
– Single-cycle 32-bit hardware multiplier
– NVIC for the 32 interrupt inputs, each with 4-levels of priority
– Serial Wire Debug supports with 2 watchpoints/4 breakpoints
 Built-in LDO for wide operating voltage ranged from 2.5 V to 5.5 V
 Flash Memory
– 36/68 Kbytes Flash for program code
– Configurable Flash memory for data memory (Data Flash), 4 KB flash for ISP loader
– Supports In-System-Program (ISP) and In-Application-Program (IAP) application code
update
– 512 byte page erase for flash
– Supports 2-wired ICP update through SWD/ICE interface
– Supports fast parallel programming mode by external programmer
 SRAM Memory
– 8KB SRAM
 Clock Control
– Flexible selection for different applications
– Built-in 22.1184 MHz high speed oscillator for system operation
 Trimmed to ±1 % at +25 ℃ and V
DD = 5 V
 Trimmed to ±2 % at -40 ℃ ~ +105 ℃ and V
DD = 2.5 V ~ 5.5 V
– Built-in 10 kHz low speed oscillator for Watchdog Timer and Wake-up operation
– Supports one PLL output frequency up to 200 MHz, BPWM/PWM clock frequency up to 100
MHz, and System operation frequency up to 50 MHz
– External 4~24 MHz high speed crystal input for precise timing operation
 GPIO
– Four I/O modes:
 Quasi-bidirectional
 Push-pull output
 Open-drain output
 Input only with high impendence
– TTL/Schmitt trigger input selectable
– I/O pin configured as interrupt source with edge/level setting
 Timer
– Supports 4 sets of 32-bit timers with 24-bit up-timer and one 8-bit prescale counter
– Independent clock source for each timer
– Provides one-shot, periodic, toggle and continuous counting operation modes
– Supports event counting function
– Supports input capture function
 Watchdog Timer
– Multiple clock sources
 System clock (HCLK)
 Internal 10 kHz oscillator (LIRC)
– 8 selectable time-out period from 1.6 ms ~ 26.0 sec (depending on clock source)
– Wake-up from Power-down or Idle mode
– Interrupt or reset selectable on watchdog time-out
 Window Watchdog Timer
– 6-bit down counter with 11-bit prescale for wide range window selected
 BPWM/Capture
– Supports maximum clock frequency up to 100MHz
– Supports up to two BPWM modules, each module provides one 16-bit timer and 6 output
channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com