Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6431 Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 172 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 168Page - Texas Instruments TMS320DM6431 Datasheet HTML 169Page - Texas Instruments TMS320DM6431 Datasheet HTML 170Page - Texas Instruments TMS320DM6431 Datasheet HTML 171Page - Texas Instruments TMS320DM6431 Datasheet HTML 172Page - Texas Instruments TMS320DM6431 Datasheet HTML 173Page - Texas Instruments TMS320DM6431 Datasheet HTML 174Page - Texas Instruments TMS320DM6431 Datasheet HTML 175Page - Texas Instruments TMS320DM6431 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 227 page
background image
PCLK
18
20
22
HD
VD
C_FIELD
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-34. Switching Characteristics Over Recommended Operating Conditions for VPFE (CCD) Master
Mode(1) (see Figure 6-22)
-3/-3Q/-3S
NO.
PARAMETER
UNIT
MIN
MAX
18
td(PCLK-HDV)
Delay time, PCLK edge to HD valid
2
9.5
ns
20
td(PCLK-VDV)
Delay time, PCLK edge to VD valid
2
9.5
ns
22
td(PCLK-C_FIELDV)
Delay time, PCLK edge to C_FIELD valid
2
9.5
ns
(1)
The VPFE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode the
rising edge of PCLK is referenced. When in negative edge clocking mode the falling edge of PCLK is referenced.
Figure 6-22. VPFE (CCD) Master Mode Control Output Data Timing
172
Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com