Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6431 Datasheet(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 170 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 166Page - Texas Instruments TMS320DM6431 Datasheet HTML 167Page - Texas Instruments TMS320DM6431 Datasheet HTML 168Page - Texas Instruments TMS320DM6431 Datasheet HTML 169Page - Texas Instruments TMS320DM6431 Datasheet HTML 170Page - Texas Instruments TMS320DM6431 Datasheet HTML 171Page - Texas Instruments TMS320DM6431 Datasheet HTML 172Page - Texas Instruments TMS320DM6431 Datasheet HTML 173Page - Texas Instruments TMS320DM6431 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 227 page
background image
6.10.1.2 VPFE Electrical Data/Timing
PCLK
2
1
3
4
4
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-31. Timing Requirements for VPFE PCLK Master/Slave Mode(1) (see Figure 6-19)
-3/-3Q/-3S
NO.
UNIT
MIN
MAX
1
tc(PCLK)
Cycle time, PCLK
10.204
ns
2
tw(PCLKH)
Pulse duration, PCLK high
0.4P
ns
3
tw(PCLKL)
Pulse duration, PCLK low
0.4P
ns
4
tt(PCLK)
Transition time, PCLK
7
ns
(1)
P = PCLK period in ns.
Figure 6-19. VPFE PCLK Timing
Table 6-32. Timing Requirements for VPFE (CCD) Slave Mode(1) (see Figure 6-20)
-3/-3Q/-3S
NO.
UNIT
MIN
MAX
5
tsu(CCDV-PCLK)
Setup time, CCD valid before PCLK edge
4.5
ns
6
th(PCLK-CCDV)
Hold time, CCD valid after PCLK edge
1
ns
7
tsu(HDV-PCLK)
Setup time, HD valid before PCLK edge
4.5
ns
8
th(PCLK-HDV)
Hold time, HD valid after PCLK edge
1
ns
9
tsu(VDV-PCLK)
Setup time, VD valid before PCLK edge
4.5
ns
10
th(PCLK-VDV)
Hold time, VD valid after PCLK edge
1
ns
11
tsu(C_WEV-PCLK)
Setup time, C_WE valid before PCLK edge
4.5
ns
12
th(PCLK-C_WEV)
Hold time, C_WE valid after PCLK edge
1
ns
13
tsu(C_FIELDV-PCLK)
Setup time, C_FIELD valid before PCLK edge
4.5
ns
14
th(PCLK-C_FIELDV)
Hold time, C_FIELD valid after PCLK edge
1
ns
(1)
The VPFE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode the
rising edge of PCLK is referenced. When in negative edge clocking mode the falling edge of PCLK is referenced.
Peripheral Information and Electrical Specifications
170
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com