| Electronic Components Datasheet Search |
|
TMS320DM6431 Datasheet(PDF) 169 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6431 Datasheet(HTML) 169 Page - Texas Instruments |
|
169 / 227 page ![]() TMS320DM6431 Digital Media Processor www.ti.com SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008 Table 6-30. CCDC Register Descriptions HEX ADDRESS RANGE REGISTER ACRONYM DESCRIPTION 0x01C7 0400 PID Peripheral Revision and Class Information 0x01C7 0404 PCR Peripheral Control Register 0x01C7 0408 SYN_MODE SYNC and Mode Set Register 0x01C7 040C HD_VD_WID HD and VD Signal Width 0x01C7 0410 PIX_LINES Number of Pixels in a Horizontal Line and Number of Lines in a Frame 0x01C7 0414 HORZ_INFO Horizontal Pixel Information 0x01C7 0418 VERT_START Vertical Line - Settings for the Starting Pixel 0x01C7 041C VERT_LINES Number of Vertical Lines 0x01C7 0420 CULLING Culling Information in Horizontal and Vertical Directions 0x01C7 0424 HSIZE_OFF Horizontal Size 0x01C7 0428 SDOFST SDRAM/DDRAM Line Offset 0x01C7 042C SDR_ADDR SDRAM Address 0x01C7 0430 CLAMP Optical Black Clamping Settings 0x01C7 0434 DCSUB DC Clamp 0x01C7 0438 COLPTN CCD Color Pattern 0x01C7 043C BLKCMP Black Compensation 0x01C7 0440 - Reserved 0x01C7 0444 - Reserved 0x01C7 0448 VDINT VD Interrupt Timing 0x01C7 044C ALAW A-Law Setting 0x01C7 0450 REC656IF REC656 Interface 0x01C7 0454 CCDCFG CCD Configuration 0x01C7 0458 FMTCFG Data Reformatter/Video Port Configuration 0x01C7 045C FMT_HORZ Data Reformatter/Video Input Interface Horizontal Information 0x01C7 0460 FMT_VERT Data Reformatter/Video Input Interface Vertical Information 0x01C7 0464 FMT_ADDR0 Address Pointer 0 Setup 0x01C7 0468 FMT_ADDR1 Address Pointer 1 Setup 0x01C7 046C FMT_ADDR2 Address Pointer 2 Setup 0x01C7 0470 FMT_ADDR3 Address Pointer 3 Setup 0x01C7 0474 FMT_ADDR4 Address Pointer 4 Setup 0x01C7 0478 FMT_ADDR5 Address Pointer 5 Setup 0x01C7 047C FMT_ADDR6 Address Pointer 6 Setup 0x01C7 0480 FMT_ADDR7 Address Pointer 7 Setup 0x01C7 0484 PRGEVEN_0 Program Entries 0-7 for Even Line 0x01C7 0488 RRGEVEN_1 Program Entries 8-15 for Even Line 0x01C7 048C PRGGODD_0 Program Entries 0-7 for Odd Line 0x01C7 0490 PRGGODD_1 Program Entries 8-15 for Odd Line 0x01C7 0494 VP_OUT Video Port Output Settings Submit Documentation Feedback Peripheral Information and Electrical Specifications 169 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |