Electronic Components Datasheet Search
  English  ▼

X  

25AF25X Datasheet(PDF) 52 Page - Switchcraft, Inc.

Part # 25AF25X
Description  Pro Audio & Broadcast Catalog
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

25AF25X Datasheet(HTML) 52 Page - Switchcraft, Inc.

Back Button 25AF25X Datasheet HTML 48Page - Switchcraft, Inc. 25AF25X Datasheet HTML 49Page - Switchcraft, Inc. 25AF25X Datasheet HTML 50Page - Switchcraft, Inc. 25AF25X Datasheet HTML 51Page - Switchcraft, Inc. 25AF25X Datasheet HTML 52Page - Switchcraft, Inc. 25AF25X Datasheet HTML 53Page - Switchcraft, Inc. 25AF25X Datasheet HTML 54Page - Switchcraft, Inc. 25AF25X Datasheet HTML 55Page - Switchcraft, Inc. 25AF25X Datasheet HTML 56Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
CONNECTORS
51
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
HPC Connector Series
HPC Cord, & Adapter Style Series
Ordering Information
Part Number
Style
Notes
HPCC4F
Cord
Straight with 0.250" faston terms
HPCI4F
Cord
Inline with 0.250" faston terms
HPCC4RAF
Cord
Right angle with 0.250" faston terms
See Page 62 for Mechanical Drawings
HPCC4F
HPC14F
HPCC4RAF
Specifications
Mechanical
(Panel and Cord Mounts)
Shock: Per Mil-Std 202,
Method 213B, Cond. K
Vibration: Mil-Std 202,
Method 201A
Life: 1,000 rotational cycles
Cable Range (cord mount):
10AWG, 0.560" cable OD
maximum
Electrical
(Panel and Cord Mounts)
Voltage Rating: 1,500 AC RMS,
per Mil-Std 202, Method 301
Current Rating (Faston® termi-
nals): 50A RMS w/10AWG
wire, normal ambient, per
UL 1977
Current Rating (PC terminals):
30A per UL 1977
Contact Resistance: 1m , 1.5m
after 1,000 insertion/withdrawals
Insulation Resistance: > 2T
Environmental
(Panel and Cord Mounts)
Salt Spray: Mil-Std 202, Method
101D, Cond. B
Thermal Shock: Mil-Std 202,
Method 107G
Temperature Limits:
-55˚C to +85˚ C
Moisture Resistance: Mil-Std.
202, Method 106E
Life @ Ambient Temperature:
Mil-Std 202, Method 108A
Touchproof: IEC 65 and 1010-1
IP Rating: IEC 529, IP 25
Materials
(Panel and Cord Mounts)
Housings:
Thermoplastic UL 94V-0 rated
Seal Rings: Thermoplastic rubber
Contacts: Silver-plated over
copper alloy
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com