Electronic Components Datasheet Search
  English  ▼

X  

25AF25X Datasheet(PDF) 17 Page - Switchcraft, Inc.

Part # 25AF25X
Description  Pro Audio & Broadcast Catalog
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

25AF25X Datasheet(HTML) 17 Page - Switchcraft, Inc.

Back Button 25AF25X Datasheet HTML 13Page - Switchcraft, Inc. 25AF25X Datasheet HTML 14Page - Switchcraft, Inc. 25AF25X Datasheet HTML 15Page - Switchcraft, Inc. 25AF25X Datasheet HTML 16Page - Switchcraft, Inc. 25AF25X Datasheet HTML 17Page - Switchcraft, Inc. 25AF25X Datasheet HTML 18Page - Switchcraft, Inc. 25AF25X Datasheet HTML 19Page - Switchcraft, Inc. 25AF25X Datasheet HTML 20Page - Switchcraft, Inc. 25AF25X Datasheet HTML 21Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
PATCHBAYS
16
TTPW96K3NS
TTPW96K Wired Series
Features and Benefits
• Unit features 96 TT style jacks in
2RU (3.5"H) space
• Utilizes AES/EBU wiring for
complete digital compatibility
• Attractive, corrosion resistant
nickel-plated, steel frame jacks
• Gold-plated switching contacts
reduce contact resistance, improve
reliability
• Rugged, attractive black epoxy-
finished steel chassis
• Extra wide designation strips for
easy channel identification
Specifications
Materials
Jacks
Frame: Nickel-plated steel
Bushing: Nickel-plated brass
Tip, Ring and Shunt Springs: Nickel
silver with welded contacts
Assembly Screws: Zinc-plated
steel
Welded Contacts: Gold alloy
Panel
Front Channel:
Black anodized aluminum
Frame: C.R.S. black epoxy painted
Designation Strips: Black
polycarbonate 94V-0
Designation Strip Covers: Clear
polycarbonate
Jack Inserts: Thermoplastic
polyester
Mechanical
Life: 30,000 cycles
Insertion Force: 7 lbs. maximum
Withdrawal Force: 1 lb. minimum
Environmental: 0˚C to +50˚C
Electrical
Contact Resistance: 30 milliohms
maximum initial
Insulation Resistance: 10,000
megohms maximum
Dielectric Withstanding Voltage:
500 VAC at 60 Hz
Working Voltage: 140 VDC
maximum
Current Rating: 100 milliamps
Ordering Information
Part Number Type of Jack
No. of Jacks
Description
TTPW96K1NN
TT
96
1.75" High, non-normals
TTPW96K1HN
TT
96
1.75" High, half normals
TTPW96K1NS
TT
96
1.75" High, normals strapped
TTPW96K3NN
TT
96
3.5" High, non-normals
TTPW96K3HN
TT
96
3.5" High, half normals
TTPW96K3NS
TT
96
3.5" High, normals strapped
The TTPW96K Series was developed with the AES/EBU digital standard in mind.
As a standard, the TTPW96K utilizes 110 Ohm cabling inside.
DIGITAL
AES / EBU
Digital Ready!
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com