Electronic Components Datasheet Search
  English  ▼

X  

25AF25X Datasheet(PDF) 22 Page - Switchcraft, Inc.

Part # 25AF25X
Description  Pro Audio & Broadcast Catalog
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

25AF25X Datasheet(HTML) 22 Page - Switchcraft, Inc.

Back Button 25AF25X Datasheet HTML 18Page - Switchcraft, Inc. 25AF25X Datasheet HTML 19Page - Switchcraft, Inc. 25AF25X Datasheet HTML 20Page - Switchcraft, Inc. 25AF25X Datasheet HTML 21Page - Switchcraft, Inc. 25AF25X Datasheet HTML 22Page - Switchcraft, Inc. 25AF25X Datasheet HTML 23Page - Switchcraft, Inc. 25AF25X Datasheet HTML 24Page - Switchcraft, Inc. 25AF25X Datasheet HTML 25Page - Switchcraft, Inc. 25AF25X Datasheet HTML 26Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
PATCHBAYS
21
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
TT96 EDAC Series
JACK #2 FOR INPUT AND OUTPUT #1 THROUGH #24, AND
JACK #26 FOR INPUT AND OUTPUT #25 THROUGH #48
JACK #1 FOR INPUT AND OUTPUT
#1 THROUGH #24, AND
JACK #25 FOR INPUT AND
OUTPUT #25 THROUGH #48
Standard Audio Configuration Wiring (S.A.C.)
90 Pin Plug Connector
(Normals at jacks)
Standard Audio Configuration Wiring (S.A.C.)
120 Pin Plug Connector
(Normals brought out)
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com