Electronic Components Datasheet Search
  English  ▼

X  

25AF25X Datasheet(PDF) 68 Page - Switchcraft, Inc.

Part # 25AF25X
Description  Pro Audio & Broadcast Catalog
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

25AF25X Datasheet(HTML) 68 Page - Switchcraft, Inc.

Back Button 25AF25X Datasheet HTML 64Page - Switchcraft, Inc. 25AF25X Datasheet HTML 65Page - Switchcraft, Inc. 25AF25X Datasheet HTML 66Page - Switchcraft, Inc. 25AF25X Datasheet HTML 67Page - Switchcraft, Inc. 25AF25X Datasheet HTML 68Page - Switchcraft, Inc. 25AF25X Datasheet HTML 69Page - Switchcraft, Inc. 25AF25X Datasheet HTML 70Page - Switchcraft, Inc. 25AF25X Datasheet HTML 71Page - Switchcraft, Inc. 25AF25X Datasheet HTML 72Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
JACKS & PLUGS
67
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
The TP or Thick Panel jacks are typical-
ly used in applications such as loud-
speaker enclosures and solid-body
guitars. Only premium materials are
used in the manufacture of these jacks.
Locking 1/4" jacks allow the end user
to lock the mating plug, providing
positive detent to the connection.
Also offered is a wide range of 1/8"
jacks and true 3.5mm jacks.
Specifications - Thick Panel Series
& Locking Jacks
Electrical
Insulation Resistance: 2 x 106 MW
at 500 VDC per Mil-Std-202,
method 302 (initial)
Dielectric Withstanding Voltage:
1,000 VAC (ms)
Life: 10,000 cycles minimum
Environmental
Thermal Range: -55˚C to +85˚C
(non operating); -20˚C to +65˚C
(operating)
Thermal Shock: Per Mil-Std-202,
method 107
Humidity: Per Mil-Std-202, method
106
Salt Spray: Per Mil-Std-202, method
101
Materials
Shell - Locking Jacks: Die-cast
zinc, with satin nickel-plating;
Black chrome over nickel-plating
on special order
Insert and Latch: Thermoplastic,
UL94V-0
Latch Release: Nickel-plated
die-cast zinc
Contact Springs: Tin-plated
copper alloy
Mounting Bushing - Thick Panel
Jacks: Nickel-plated copper alloy
with knurled flange
Insulating Spacer: Rigid plastic
(continued on next page)
152B
153
151
152
154
155
E111L
125
35RAPC7J
142A
35RAPC2BH3
42A
35PM2A
Jack Series
Thick Panel/Guitar, Locking 1/4", Tini, Tini-Extension, Micro, 3.5mm
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com