Electronic Components Datasheet Search
  English  ▼

X  

25AF25X Datasheet(PDF) 84 Page - Switchcraft, Inc.

Part # 25AF25X
Description  Pro Audio & Broadcast Catalog
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

25AF25X Datasheet(HTML) 84 Page - Switchcraft, Inc.

Back Button 25AF25X Datasheet HTML 80Page - Switchcraft, Inc. 25AF25X Datasheet HTML 81Page - Switchcraft, Inc. 25AF25X Datasheet HTML 82Page - Switchcraft, Inc. 25AF25X Datasheet HTML 83Page - Switchcraft, Inc. 25AF25X Datasheet HTML 84Page - Switchcraft, Inc. 25AF25X Datasheet HTML 85Page - Switchcraft, Inc. 25AF25X Datasheet HTML 86Page - Switchcraft, Inc. 25AF25X Datasheet HTML 87Page - Switchcraft, Inc. 25AF25X Datasheet HTML 88Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
JACKS & PLUGS
83
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
Plug Series
Littel 1/4", Right Angle 1/4", Silent, Super Heavy Duty Plug Series
Switchcraft Littel Plugs all feature
one-piece tip rods for added strength
and durability. All are offered in a
wide variety of configurations,
including straight, right angle, shielded,
screw or solder terminals. The
Heavy Duty Speaker plugs have
larger cable clamps and are rated at
15A. The Silent plugs have a unique
circuit-closing device which stops
hums, pops, and squeals when the
plug is removed or inserted from
the jack. Miti plugs feature heavy
duty brass construction, rugged
cable clamps, and spring flex reliefs.
All plugs meet EIA standards for tip
configuration, which ensures you
they mate properly with the jack.
Specifications
Electrical
Contact Resistance (typical De-
pends on Mating Jack):
< 0.020 ohms
Dielectric Withstand Voltage: 500
VAC (minimum)
Insulation Resistance @ 500 VDC:
2,000 megohms (minimum)
Insulation Resistance (after
Mil-Std-202 Salt Spray): 1,000
megohms (minimum)
Working Voltage: 250 VAC, 140
VDC
Insert/Withdrawal Force:
Depends on Mating Jack
Soldering Requirement:
ANSI/J-Std-001
Temperature Range: -40˚C to
+85˚C
U.L. Component Recognition File
No: E118169
Life: Depends on Mating Jack
Materials
Tip: Nickel-plated copper alloy
Sleeve: Nickel-plated copper alloy
Handle: Nickel-plated copper alloy
Tip Terminal: Copper alloy,
electrotin-plated
Cable Clamp: Copper alloy,
electro-tinplated
226
187
250
184
280
181
174S
See Next Page for Ordering Information
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com