Electronic Components Datasheet Search
  English  ▼

X  

25AF25X Datasheet(PDF) 96 Page - Switchcraft, Inc.

Part # 25AF25X
Description  Pro Audio & Broadcast Catalog
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

25AF25X Datasheet(HTML) 96 Page - Switchcraft, Inc.

Back Button 25AF25X Datasheet HTML 92Page - Switchcraft, Inc. 25AF25X Datasheet HTML 93Page - Switchcraft, Inc. 25AF25X Datasheet HTML 94Page - Switchcraft, Inc. 25AF25X Datasheet HTML 95Page - Switchcraft, Inc. 25AF25X Datasheet HTML 96Page - Switchcraft, Inc. 25AF25X Datasheet HTML 97Page - Switchcraft, Inc. 25AF25X Datasheet HTML 98Page - Switchcraft, Inc. 25AF25X Datasheet HTML 99Page - Switchcraft, Inc. 25AF25X Datasheet HTML 100Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 102 page
background image
SWITCHES
95
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
Ordering Information
Part Number
Circuitry
Description
Guitar Switches
12010
SPST(NC)/SPST(NC)
Straight, nickel finish, riveted silver contacts
12011
SPST(NC)/SPST(NC)
Straight, bright brass finish, riveted silver contacts
12012
SPDT(non-shorting)/SPST(NC)
Right angle, nickel finish, welded silver contacts
12013
SPST(NC)/SPST(NC)
Right angle, nickel finish, welded silver contacts
12014
SPST(NC)/SPST(NC)
Right angle, black finish, welded silver contacts
12015
DPDT(NC)/DPDT(NC)
Right angle, nickel finish, welded silver contacts
12016
SPST(NC)/SPST(NC)
Right angle, bright brass finish, riveted silver contacts
12017
SPST(NC/SPST(NC)
Right angle, nickel finish, welded gold contacts
Knobs
T12742
Black
T12745
White
T127410
Ivory
P2912
Amber
Broadcast Switches
84206L
DPDT
2 Position, locking
84306L
SPDT(non-shorting) both sides
3 Position, locking
84312L
DPDT both sides
3 Position, locking
84324L
DPDT both sides
3 Position, locking
K131
Filter kit, 3 of ea. (amb, blu, grn, red, wht, and yel)
PL106205
DPDT
Momentary, single lamp
PL206205
DPDT
Momentary, twin lamp
PL106705
DPDT
Push-lock/Push-release, single lamp
PL206705
DPDT
Push-lock/Push-release, twin lamp
Switch Series
See Next Page for Mechanical Drawings
(continued from previous page)
Springs: Copper alloy, plated
Lamp Terminals: Copper alloy, plated
Lamp Socket: Zinc, plated
Terminals: Copper alloy, plated,
straight solder lugs
Housing, Escutcheon, Knob,
Actuator and Switching Stacks
Insulation: Molded plastic
Specifications - PL Series
PUSH-LITE Switches Series and
PL Indicators
Contacts
Welded crossbar Gold Alloy,
rated at 2 amps., 200 watts
max., AC non-inductive load.
Electrical
6,000 Minimum Life (Gold
Alloy Contacts) per UL 1054.
Materials
Push-Lite Switch Assemblies:
Housing, Lifters, Switch Modules,
Barriers and Pushbuttons:
Molded Plastics
Contacts Springs: Phosphor
Bronze, Silver Plated
Lamp Terminals: Brass, Silver plated
Lamp Socket, Light Divider and
Yoke Assembly: Nickel Silver
Mounting Bracket and Retaining
Clips: Steel with iridescent
iridite over Cadmium Plating
Series PL Pushbuttons:
Housing, Color Filter Inserts and
Display Screens: High impact
thermoplastic
PL Indicators:
Housing: Molded glass filled
Plastics
Mounting Bracket: Steel, irides-
cent over cadmium Plating.
Lamp Retainer and Terminals:
Nickel Silver.
Display Screen (Pushbutton):
Molded Plastics.
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com