Electronic Components Datasheet Search
  English  ▼

X  

25AF25X Datasheet(PDF) 69 Page - Switchcraft, Inc.

Part # 25AF25X
Description  Pro Audio & Broadcast Catalog
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

25AF25X Datasheet(HTML) 69 Page - Switchcraft, Inc.

Back Button 25AF25X Datasheet HTML 65Page - Switchcraft, Inc. 25AF25X Datasheet HTML 66Page - Switchcraft, Inc. 25AF25X Datasheet HTML 67Page - Switchcraft, Inc. 25AF25X Datasheet HTML 68Page - Switchcraft, Inc. 25AF25X Datasheet HTML 69Page - Switchcraft, Inc. 25AF25X Datasheet HTML 70Page - Switchcraft, Inc. 25AF25X Datasheet HTML 71Page - Switchcraft, Inc. 25AF25X Datasheet HTML 72Page - Switchcraft, Inc. 25AF25X Datasheet HTML 73Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
JACKS & PLUGS
68 Jack Series
(continued from previous page)
Insulator/Spring Mount:
Thermo-plastic
Springs: Copper alloy
Terminals: Tip: Copper alloy; Ring:
(Number 152B only) Copper
alloy; Sleeve: Steel, tin-plated
Hardware - Thick Panel Jacks:
Supplied with one, Number
P10531 nickel-plated copper
alloy hex nut; and one, Number
P1476 nickel-plated copper
alloy flat washer
Specifications - 35RAPC Series
Electrical
Contact Resistance: 20 milliohms
maximum
Insulation Resistance: 100
milliohms minimum at 250 VDC
Dielectric Withstanding Voltage:
250 VAC
Life: 5,000 cycles, minimum
Insertion Force: 0.88 pounds -
3.5 pounds
Withdrawal Force: 0.88 pounds -
2.64 pounds
Materials
Coil Spring: Steel Wire
Bushing: Nickel-plated copper alloy
Terminal: Silver-plated copper alloy
Tip Spring: Silver-plated copper alloy
Shunt Terminal: Plated copper alloy
Cover: Thermoplastic, transparent
UL 94V-2
Body: Thermoplastic, UL 94V-1
black color
Specifications - 35PM Series
& Tini Jack Series
Electrical
Contact Resistance: .075 ohms
maximum
Insulation Resistance: 5,000 MW
minimum
Dielectric Withstanding Voltage:
250 VAC maximum
Life: 5,000 insertion/withdrawal
cycles, minimum
Contact Rating: .25A, 48 VDC
Materials
Mounting Bushing: Nickel-plated
copper alloy
Insulating Spacers: Rigid plastic
Springs: Copper alloy
Sleeve Terminal: Tin-plated
copper alloy
Hardware: Supplied with one,
Number P11501 nickel-plated
brass locknut; and one, Number
S17901 nickel-plated steel
flat washer
Ordering Information
Typical
Part No. Conductors Description Mating Plug Notes
Thick Panel/Guitar Jacks (1/4")
151
2
single open
280
Nickel finish
152
3
double open
297
Brass finish
152B
3
double open
297
Nickel finish
153
2
single open
280
Gold-plated springs,
electro-polish brass finish,
9/16-12 UNC wood thread
154
3
double open
297
Gold-plated, no cable clamp
155
3
double open
297
Black satin chrome finish,
no cable clamp
Locking 1/4" Jacks
E111L
2
single open
280
E112BL
3
double open
297
Tini-Jacks (.141")
41
2
single open
750
42A
2
single closed
750
142A
2
single closed
750
PC142A
2
single closed
750
PC terms
Tini-Extension Jacks (.141")
125
2
single open
750
3.5mm Jacks
35RAPC2AV
2
single closed
Threaded bushing, PC terms
35RAPC2BH3
3
double open
35HDNN
Threaded bushing, PC terms
35RAPC3BH3
3
tip closed, ring open
35HDNN
Threaded bushing, PC terms
35RAPC4BH3
3
double closed
35HDNN
Threaded bushing, PC terms
35RAPC7J
3
top jack dual open
35HDNN
Dual vertical jack
bottom jack dual closed
35RAPC7JS
3
top jack dual open
35HDNN
Dual vertical jack, shielded
bottom jack dual closed
35PM1
2
single open
750
35PM2A
2
single closed
750
See Pages 75-79 for Mechanical Drawings
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com