Electronic Components Datasheet Search
  English  ▼

X  

S8249 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8249
Description  VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8249 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8249 Datasheet HTML 2Page - Seiko Instruments Inc S8249 Datasheet HTML 3Page - Seiko Instruments Inc S8249 Datasheet HTML 4Page - Seiko Instruments Inc S8249 Datasheet HTML 5Page - Seiko Instruments Inc S8249 Datasheet HTML 6Page - Seiko Instruments Inc S8249 Datasheet HTML 7Page - Seiko Instruments Inc S8249 Datasheet HTML 8Page - Seiko Instruments Inc S8249 Datasheet HTML 9Page - Seiko Instruments Inc S8249 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-8249 Series
Rev.1.4_00
6
Absolute Maximum Ratings
Table 6
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Applied Pin
Absolute Maximum Rating
Unit
Input voltage between VDD pin and
VSS pin
VDS
VDD
VSS
− 0.3 to VSS + 6.0
V
Input pin voltage
VIN
CE
_____
, DP
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 6.0
V
Output pin voltage
VOUT
CO, CB
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 6.0
V
Output pin current
ICB
CB
100 (
−40°C to +85°C)
mA
Operation ambient temperature
Topr
−
−40 to +85
°C
Storage temperature
Tstg
−
−55 to +125
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 7
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1 θJA
SOT-23-6
Board A
−
159
−
°C/W
Board B
−
124
−
°C/W
Board C
−
−
−
°C/W
Board D
−
−
−
°C/W
Board E
−
−
−
°C/W
*1. Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Power Dissipation" and "Test Board" for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com