Electronic Components Datasheet Search
  English  ▼

X  

S8249 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S8249
Description  VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8249 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S8249 Datasheet HTML 6Page - Seiko Instruments Inc S8249 Datasheet HTML 7Page - Seiko Instruments Inc S8249 Datasheet HTML 8Page - Seiko Instruments Inc S8249 Datasheet HTML 9Page - Seiko Instruments Inc S8249 Datasheet HTML 10Page - Seiko Instruments Inc S8249 Datasheet HTML 11Page - Seiko Instruments Inc S8249 Datasheet HTML 12Page - Seiko Instruments Inc S8249 Datasheet HTML 13Page - Seiko Instruments Inc S8249 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-8249 Series
Rev.1.4_00
10
Standard Circuit
VDD
CB
VSS
CO
CE
_____
S-8249
Series
RVDD
CVDD
RCB
DP
Figure 4
Table 9 Constants for External Components
Symbol
Part
Purpose
Min.
Typ.
Max.
Remark
RVDD
Resistor
ESD
protection,
for power
fluctuation
control
150
Ω
330
Ω 1.0 kΩ
Resistance should be as small as possible to
avoid worsening the overcharge detection
accuracy due to current consumption.
*1
CVDD
Capacitor
For power
fluctuation
control
0.068
μF0.1 μF1.0 μF
Connect a capacitor of 0.068
μF or more
between VDD pin and VSS pin.
*1
RCB
Resistor
For setting
the cell
balancing
current value
−
−
−
Set the required cell balancing current value
depending on "2. Cell balancing status" in
" Operation".
*2
*1. When connecting a resistor less than 150
Ω to RVDD or a capacitor less than 0.068 μF to CVDD, the S-8249 Series
may malfunction when power is largely fluctuated.
*2. Set the cell balancing current value so that RCB does not exceed the power dissipation.
Cautions 1. The above constants may be changed without notice.
2. The example of connection shown above and the constant do not guarantee proper operation.
Perform thorough evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com