Electronic Components Datasheet Search
  English  ▼

X  

S8249 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8249
Description  VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8249 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8249 Datasheet HTML 4Page - Seiko Instruments Inc S8249 Datasheet HTML 5Page - Seiko Instruments Inc S8249 Datasheet HTML 6Page - Seiko Instruments Inc S8249 Datasheet HTML 7Page - Seiko Instruments Inc S8249 Datasheet HTML 8Page - Seiko Instruments Inc S8249 Datasheet HTML 9Page - Seiko Instruments Inc S8249 Datasheet HTML 10Page - Seiko Instruments Inc S8249 Datasheet HTML 11Page - Seiko Instruments Inc S8249 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-8249 Series
Rev.1.4_00
8
Table 8 (2 / 2)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Delay time
Cell balancing detection
delay time
tBU
−
tBU
× 0.8
tBU
tBU
× 1.2 ms
Cell balancing release
delay time
tBL
−
tBL
× 0.8
tBL
tBL
× 1.2
ms
Overcharge detection delay
time
tCU
−
tCU
× 0.8
tCU
tCU
× 1.2 ms
Overcharge release delay
time
tCL
−
tCL
× 0.8
tCL
tCL
× 1.2
ms
Output current
CB pin output current
CB pin sink current
ICBS
V1 = VBU
+ 0.1 V, SW2 = ON,
V4 = 0.5 V
30
−
−
mA
CB pin leakage current
ICBL
V1 = VBL
− 0.1 V, SW2 = ON,
V4 = 6.0 V
−
−
0.1
μA
CO pin output current (output form: CMOS output, output logic: active "H")
CO pin sink current
ICOL
V1 = VCL
− 0.1 V, SW4 = ON,
V5 = 0.5 V
5.0
−
−
mA
CO pin source current
ICOH
V1 = VCU
+ 0.1 V, SW4 = ON,
V5 = V1
− 0.5 V
1.0
−
−
mA
CO pin output current (output form: CMOS output, output logic: active "L")
CO pin sink current
ICOL
V1 = VCU
+ 0.1 V, SW4 = ON,
V5 = 0.5 V
5.0
−
−
mA
CO pin source current
ICOH
V1 = VCL
− 0.1 V, SW4 = ON,
V5 = V1
− 0.5 V
1.0
−
−
mA
CO pin output current (output form: Nch open-drain output, output logic: active "H")
CO pin sink current
ICOL
V1 = VCL
− 0.1 V, SW4 = ON,
V5 = 0.5 V
5.0
−
−
mA
CO pin leakage current
ICOHL
V1 = VCU
+ 0.1 V, SW4 = ON,
V5 = 6.0 V
−
−
0.1
μA
CO pin output current (output form: Nch open-drain output, output logic: active "L")
CO pin sink current
ICOL
V1 = VCU
+ 0.1 V, SW4 = ON,
V5 = 0.5 V
5.0
−
−
mA
CO pin leakage current
ICOHL
V1 = VCL
− 0.1 V, SW4 = ON,
V5 = 6.0 V
−
−
0.1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com