Electronic Components Datasheet Search
  English  ▼

X  

S8249 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S8249
Description  VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8249 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S8249 Datasheet HTML 5Page - Seiko Instruments Inc S8249 Datasheet HTML 6Page - Seiko Instruments Inc S8249 Datasheet HTML 7Page - Seiko Instruments Inc S8249 Datasheet HTML 8Page - Seiko Instruments Inc S8249 Datasheet HTML 9Page - Seiko Instruments Inc S8249 Datasheet HTML 10Page - Seiko Instruments Inc S8249 Datasheet HTML 11Page - Seiko Instruments Inc S8249 Datasheet HTML 12Page - Seiko Instruments Inc S8249 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_00
S-8249 Series
9
Test Circuit
S-8249
Series
VDD
VSS
DP
CE
_____
CO
CB
A
A
A
RCB = 100 k
Ω
RCO = 100 k
Ω
V1
V2
V3
V4
V5
SW1
SW2
SW4
SW3
IVDD
ICB
ICO
Figure 3
Caution Unless otherwise specified in Table 8, set V2 = V3 = 0 V, and SWn (n = 1 to 4) = OFF.
1. CE
_____
pin voltage "H"
CE
_____
pin voltage "H" (VCE
_____
H) is defined as the voltage at which IVDD is changed from IOPE to IPSV when V2 is increased
from 0 V after setting V1 = VBL
− 0.1 V.
2. CE
_____
pin voltage "L"
CE
_____
pin voltage "L" (VCE
_____
L) is defined as the voltage at which IVDD is changed from IPSV to IOPE when V2 is decreased
from VBL
− 0.1 V after setting V1 = V2 = VBL − 0.1 V.
3. DP pin voltage "H"
*1
DP pin voltage "H" (VDPH) is defined as the voltage at which the test mode is switched when V3 is increased from
0 V after setting V1 = VBL
− 0.1 V.
4. DP pin voltage "L"
*1
DP pin voltage "L" (VDPL) is defined as the voltage at which the normal operation mode is switched when V3 is
decreased from VBL
− 0.1 V after setting V1 = V3 = VBL − 0.1 V.
5. Cell balancing detection delay time
Cell balancing detection delay time (tBU) is defined as the time from when SW1 is set to ON and V1 is set to VBU
−
0.1 V to when the CB pin output is inverted after setting V1 to VBU
+ 0.1 V.
6. Cell balancing release delay time
Cell balancing release delay time (tBL) is defined as the time from when SW1 is set to ON and V1 is set to VBL
+
0.1 V to when the CB pin output is inverted after setting V1 to VBL
− 0.1 V.
7. Overcharge detection delay time
Overcharge detection delay time (tCU) is defined as the time from when SW1 is set to ON and V1 is set to VCU
−
0.1 V to when the CO pin output is inverted after setting V1 to VCU
+ 0.1 V.
8. Overcharge release delay time
Overcharge release delay time (tCL) is defined as the time from when SW1 is set to ON and V1 is set to VCL
+
0.1 V to when the CO pin output is inverted after setting V1 to VCL
− 0.1 V.
*1. For details about switching to the test mode by using the DP pin, refer to "5. DP pin" in " Operation".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com