Electronic Components Datasheet Search
  English  ▼

X  

S8249 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8249
Description  VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8249 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8249 Datasheet HTML 3Page - Seiko Instruments Inc S8249 Datasheet HTML 4Page - Seiko Instruments Inc S8249 Datasheet HTML 5Page - Seiko Instruments Inc S8249 Datasheet HTML 6Page - Seiko Instruments Inc S8249 Datasheet HTML 7Page - Seiko Instruments Inc S8249 Datasheet HTML 8Page - Seiko Instruments Inc S8249 Datasheet HTML 9Page - Seiko Instruments Inc S8249 Datasheet HTML 10Page - Seiko Instruments Inc S8249 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_00
S-8249 Series
7
Electrical Characteristics
For details about the test circuits and testing method, refer to " Test Circuit".
Caution Unless otherwise specified in Table 8, set V2 = V3 = 0 V, and SWn (n = 1 to 4) = OFF.
Table 8 (1 / 2)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Detection voltage
Cell balancing detection
voltage
VBU
SW1 = ON
2.0 V
≤ VBU < 2.4 V
VBU
−
0.012
VBU
VBU
+
0.012
V
2.4 V
≤ VBU ≤ 4.6 V
VBU
×
0.995
VBU
VBU
×
1.005
V
Cell balancing release
voltage
VBL
SW1 = ON
2.0 V
≤ VBL < 2.4 V
VBL
−
0.024
VBL
VBL
+
0.024
V
2.4 V
≤ VBL ≤ 4.6 V
VBL
×
0.99
VBL
VBL
×
1.01
V
Overcharge detection
voltage
VCU
2.0 V
≤ VCU < 2.4 V
VCU
−
0.012
VCU
VCU
+
0.012
V
2.4 V
≤ VCU ≤ 4.6 V
VCU
×
0.995
VCU
VCU
×
1.005
V
Overcharge release
voltage
VCL
2.0 V
≤ VCL < 2.4 V
VCL
−
0.024
VCL
VCL
+
0.024
V
2.4 V
≤ VCL ≤ 4.6 V
VCL
×
0.99
VCL
VCL
×
1.01
V
Temperature coefficient
Detection voltage
temperature coefficient 1
*1
ΔVBU
ΔTa • VBU
Ta =
−40°C to +85°C
*3
−
100
350
ppm/
°C
Detection voltage
temperature coefficient 2
*2
ΔVCU
ΔTa • VCU
Ta =
−40°C to +85°C
*3
−
100
350
ppm/
°C
Input voltage
Operation voltage between
VDD pin and VSS pin
VDS
Voltages output from CO pin and
CB pin are fixed
1.5
−
5.0
V
CE
_____
pin voltage "H"
VCE
_____
H
−
−
−
VDD
×
0.9
V
CE
_____
pin voltage "L"
VCE
_____
L
−
VDD
×
0.1
−
−
V
DP pin voltage "H"
VDPH
−
−
−
VDD
×
0.9
V
DP pin voltage "L"
VDPL
−
VDD
×
0.1
−
−
V
Input current
Current consumption
during operation
IOPE
IVDD when V1 = VBL
− 0.1 V
−
1.2
2.0
μA
Current consumption
during power-saving
IPSV
IVDD when V1 = V2 = VBL
− 0.1 V
−
−
0.1
μA
*1.
A change in the temperature of the detection voltage [mV/°C] is calculated by using the following equation.
ΔVBU
ΔTa []
mV/°C = VBU
[]
V
×
ΔVBU
ΔTa • VBU []
ppm/°C
÷ 1000
*2.
A change in the temperature of the detection voltage [mV/°C] is calculated by using the following equation.
ΔVCU
ΔTa []
mV/°C = VCU
[]
V
×
ΔVCU
ΔTa • VCU []
ppm/°C
÷ 1000
*3.
Since products are not screened at high and low temperature, the specification for this temperature range is
guaranteed by design, not tested in production.
Remark 1. Δ
VBU
ΔTa
, Δ
VCU
ΔTa
:
Change in temperature of detection voltage
2. VBU, VCU:
Set detection voltage
3.
ΔVBU
ΔTa • VBU
,
ΔVCU
ΔTa • VCU
: Detection voltage temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com