Electronic Components Datasheet Search
  English  ▼

X  

S8249 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8249
Description  VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8249 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8249 Datasheet HTML 1Page - Seiko Instruments Inc S8249 Datasheet HTML 2Page - Seiko Instruments Inc S8249 Datasheet HTML 3Page - Seiko Instruments Inc S8249 Datasheet HTML 4Page - Seiko Instruments Inc S8249 Datasheet HTML 5Page - Seiko Instruments Inc S8249 Datasheet HTML 6Page - Seiko Instruments Inc S8249 Datasheet HTML 7Page - Seiko Instruments Inc S8249 Datasheet HTML 8Page - Seiko Instruments Inc S8249 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
S-8249 Series
www.sii-ic.com
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
© SII Semiconductor Corporation, 2015-2017
Rev.1.4_00
1
The S-8249 Series is a voltage monitoring IC with a cell balancing function and includes a high-accuracy voltage
detection circuit and a delay circuit.
The S-8249 Series is suitable for cell balancing and overcharge protection of batteries and capacitors.
Features
• High-accuracy voltage detection circuit
Cell balancing detection voltage: 2.0 V to 4.6 V (5 mV step)
Accuracy
±12 mV (2.0 V ≤ VBU < 2.4 V)
Accuracy
±0.5% (2.4 V ≤ VBU ≤ 4.6 V)
Cell balancing release voltage:
2.0 V to 4.6 V
*1
Accuracy
±24 mV (2.0 V ≤ VBL < 2.4 V)
Accuracy
±1.0% (2.4 V ≤ VBL ≤ 4.6 V)
Overcharge detection voltage:
2.0 V to 4.6 V (5 mV step)
Accuracy
±12 mV (2.0 V ≤ VCU < 2.4 V)
Accuracy
±0.5% (2.4 V ≤ VCU ≤ 4.6 V)
Overcharge release voltage:
2.0 V to 4.6 V
*2
Accuracy
±24 mV (2.0 V ≤ VCL < 2.4 V)
Accuracy
±1.0% (2.4 V ≤ VCL ≤ 4.6 V)
• Built-in Nch transistor with ON resistance of 5 Ω typ. between the CB pin and the VSS pin
• Current consumption:
2.0
μA max. (Ta = +25°C)
• Delay times are generated only by an internal circuit (External capacitors are unnecessary).
• CO pin output form and output logic are selectable: CMOS output
Active "H", active "L"
Nch open-drain output
Active "H", active "L"
• Switchable to power-saving mode by using the CE
_____
pin
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. Cell balancing release voltage = Cell balancing detection voltage
− Cell balancing hysteresis voltage
(Cell balancing hysteresis voltage can be selected as 0 V or from a range of 0.1 V to 0.7 V in 50 mV step.)
*2. Overcharge release voltage = Overcharge detection voltage
− Overcharge hysteresis voltage
(Overcharge hysteresis voltage can be selected as 0 V or from a range of 0.1 V to 0.7 V in 50 mV step.)
Applications
• Rechargeable battery module
• Capacitor module
Package
• SOT-23-6


Similar Part No. - S8249

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Laird Tech Smart Techno...
S8240B LSTD-S8240B Datasheet
903Kb / 1P
Fiberglass enclosures
logo
Seiko Instruments Inc
S8240B SII-S8240B Datasheet
3Mb / 37P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Intel Corporation
S82433LX INTEL-S82433LX Datasheet
540Kb / 53P
LOCAL BUS ACCELERATOR (LBX)
S82433NX INTEL-S82433NX Datasheet
540Kb / 53P
LOCAL BUS ACCELERATOR (LBX)
More results

Similar Description - S8249

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8637-08 AEROFLEX-BEU8637-08 Datasheet
248Kb / 9P
Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
logo
Seiko Instruments Inc
S-8249AAP-M6T1U SII-S-8249AAP-M6T1U Datasheet
1Mb / 22P
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S19190 SII-S19190 Datasheet
2Mb / 25P
FOR AUTOMOTIVE OPERATION VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
ABLIC Inc.
S-8249 ABLIC-S-8249 Datasheet
1,006Kb / 23P
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
logo
STMicroelectronics
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com