Electronic Components Datasheet Search
  English  ▼

X  

S8249 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8249
Description  VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8249 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8249 Datasheet HTML 8Page - Seiko Instruments Inc S8249 Datasheet HTML 9Page - Seiko Instruments Inc S8249 Datasheet HTML 10Page - Seiko Instruments Inc S8249 Datasheet HTML 11Page - Seiko Instruments Inc S8249 Datasheet HTML 12Page - Seiko Instruments Inc S8249 Datasheet HTML 13Page - Seiko Instruments Inc S8249 Datasheet HTML 14Page - Seiko Instruments Inc S8249 Datasheet HTML 15Page - Seiko Instruments Inc S8249 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-8249 Series
Rev.1.4_00
12
3. Overcharge status
In the S-8249 Series, if VDS is the overcharge detection voltage (VCU) or higher and this status continues for the
overcharge detection delay time (tCU) or longer, the CO pin output is inverted. The CO pin output status varies
according to the output form and output logic selected, as shown in Table 11. This is the overcharge status. In
the overcharge status, the CB pin output becomes "L".
Table 11
CO Pin Output Form and Output Logic
CB Pin Output
CO Pin Output
CMOS output, active "H"
"L"
"H"
CMOS output, active "L"
"L"
"L"
Nch open-drain output, active "H"
"L"
"H"
Nch open-drain output, active "L"
"L"
"L"
The overcharge status is released when VDS drops to the overcharge release voltage (VCL) or lower and this
status continues for the overcharge release delay time (tCL) or longer.
4. CE
_____
pin
The S-8249 Series has the CE
_____
pin (Power-saving mode switching pin). The S-8249 Series is set to
power-saving mode by inputting a voltage of VCE
_____
H or higher to the C E
_____
pin.
Table 12
CE
_____
Pin
Status
Open (VCE
_____
= VSS)
Normal operation mode
"H" (VCE
_____
≥ VCE
_____
H)
Power-saving mode
"L" (VCE
_____
≤ VCE
_____
L)
Normal operation mode
In power-saving mode, the current consumption is decreased to current consumption during power-saving (IPSV).
The CB pin or the CO pin output in power-saving mode is the same as that in the normal status.
The CE
_____
pin is pulled down to VSS by the internal resistor. When in a mode other than power-saving mode, leave
the CE
_____
pin open or short it with VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com