Electronic Components Datasheet Search
  English  ▼

X  

S1313 Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S1313
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1313 Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S1313 Datasheet HTML 14Page - Seiko Instruments Inc S1313 Datasheet HTML 15Page - Seiko Instruments Inc S1313 Datasheet HTML 16Page - Seiko Instruments Inc S1313 Datasheet HTML 17Page - Seiko Instruments Inc S1313 Datasheet HTML 18Page - Seiko Instruments Inc S1313 Datasheet HTML 19Page - Seiko Instruments Inc S1313 Datasheet HTML 20Page - Seiko Instruments Inc S1313 Datasheet HTML 21Page - Seiko Instruments Inc S1313 Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1313 Series
Rev.2.1_00
18
6. Output voltage temperature coefficient
ΔVOUT
ΔTa • VOUT
The shaded area in Figure 16 is the range where VOUT varies in the operation temperature range when the output
voltage temperature coefficient is
±130 ppm/°C.
VOUT(E)
*1
Example of S-1313A10 typ. product
−40
+25
+0.13 mV/°C
VOUT
[V]
*1. VOUT(E) is the value of the output voltage measured at Ta =
+25°C.
+85
Ta [
°C]
−0.13 mV/°C
Figure 16
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
ΔVOUT
ΔTa []
mV/°C
*1 = V
OUT(S) []
V
*2 ×
ΔVOUT
ΔTa • VOUT []
ppm/°C
*3 ÷ 1000
*1. Change in temperature of output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com