Electronic Components Datasheet Search
  English  ▼

X  

S1313 Datasheet(PDF) 22 Page - Seiko Instruments Inc

Part # S1313
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1313 Datasheet(HTML) 22 Page - Seiko Instruments Inc

Back Button S1313 Datasheet HTML 18Page - Seiko Instruments Inc S1313 Datasheet HTML 19Page - Seiko Instruments Inc S1313 Datasheet HTML 20Page - Seiko Instruments Inc S1313 Datasheet HTML 21Page - Seiko Instruments Inc S1313 Datasheet HTML 22Page - Seiko Instruments Inc S1313 Datasheet HTML 23Page - Seiko Instruments Inc S1313 Datasheet HTML 24Page - Seiko Instruments Inc S1313 Datasheet HTML 25Page - Seiko Instruments Inc S1313 Datasheet HTML 26Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1313 Series
Rev.2.1_00
22
6. Overcurrent protection circuit
The S-1313 Series includes an overcurrent protection circuit which has the characteristics shown in "1. Output
voltage vs. Output current (When load current increases) (Ta =
+25°C)" in " Characteristics (Typical Data)", in
order to protect the output transistor against an excessive output current and short circuiting between the VOUT pin
and the VSS pin. The current when the output pin is short-circuited (Ishort) is internally set at approx. 50 mA typ., and the
normal value is restored for the output voltage, if releasing a short circuit once.
Caution This overcurrent protection circuit does not work as for thermal protection. If this IC long keeps short
circuiting inside, pay attention to the conditions of input voltage and load current so that, under the
usage conditions including short circuit, the loss of the IC will not exceed power dissipation of the
package.
7. Thermal shutdown circuit
The S-1313 Series has a thermal shutdown circuit to protect the device from damage due to overheat. When the
junction temperature rises to 150
°C typ., the thermal shutdown circuit operates to stop regulating. When the junction
temperature drops to 120
°C typ., the thermal shutdown circuit is released to restart regulating.
Due to self-heating of the S-1313 Series, if the thermal shutdown circuit starts operating, it stops regulating so that the
output voltage drops. When regulation stops, the S-1313 Series does not itself generate heat and the IC's
temperature drops. When the temperature drops, the thermal shutdown circuit is released to restart regulating, thus
this IC generates heat again. Repeating this procedure makes the waveform of the output voltage into a pulse-like
form. Stop or restart of regulation continues unless decreasing either or both of the input voltage and the output
current in order to reduce the internal power consumption, or decreasing the ambient temperature.
Table 15
Thermal Shutdown Circuit
VOUT Pin Voltage
Operate: 150
°C typ.
*1
VSS level
Release: 120
°C typ.
*1
Set value
*1. Junction temperature
8. Thermal shutdown circuit stop function
The S-1313 Series has a thermal shutdown circuit stop function during low load current.
When the load current is approx. 0.2 mA or less, the current that flows in the thermal shutdown circuit is stopped and
the thermal shutdown circuit stops operating. This makes the super low current consumption operation possible.
When the load current is approx. 0.5 mA or more, a current is applied to the thermal shutdown circuit, thus making the
protection operation possible.
0
0
IOUT [mA]
7.0
6.0
5.0
4.0
3.0
2.0
1.0
3.0
2.0
2.5
1.5
1.0
0.5
Thermal shutdown circuit operating
Operation at super low current consumption
Figure 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com