Electronic Components Datasheet Search
  English  ▼

X  

S1313 Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # S1313
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1313 Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S1313 Datasheet HTML 26Page - Seiko Instruments Inc S1313 Datasheet HTML 27Page - Seiko Instruments Inc S1313 Datasheet HTML 28Page - Seiko Instruments Inc S1313 Datasheet HTML 29Page - Seiko Instruments Inc S1313 Datasheet HTML 30Page - Seiko Instruments Inc S1313 Datasheet HTML 31Page - Seiko Instruments Inc S1313 Datasheet HTML 32Page - Seiko Instruments Inc S1313 Datasheet HTML 33Page - Seiko Instruments Inc S1313 Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1313 Series
Rev.2.1_00
30
3. Transient response characteristics of ON / OFF pin (Ta =
+25°C)
3. 1 VOUT = 1.0 V
VIN = 2.0 V, CIN = CL = 0.1
μF, IOUT = 1 mA, VON / OFF = 0 V → 2 V, tr = 1.0 μs
−100
−0.5
2.5
400
2.0
1.5
1.0
0.5
0
300
200
100
0
t [
μs]
4
2
0
−2
−4
−6
−8
VOUT
VON / OFF
VIN = 2.0 V, CIN = CL = 0.1
μF, IOUT = 100 mA, VON / OFF = 0 V → 2 V, tr = 1.0 μs
−100
−0.5
2.5
400
2.0
1.5
1.0
0.5
0
300
200
100
0
t [
μs]
4
2
0
−2
−4
−6
−8
VON / OFF
VOUT
3. 2 VOUT = 2.5 V
VIN = 3.5 V, CIN = CL = 0.1
μF, IOUT = 1 mA, VON / OFF = 0 V → 3.5 V, tr = 1.0 μs
−200
−2
10
1000
8
6
4
2
0
t [
μs]
6
4
2
0
−2
−4
−6
0
200
400
600
800
VON / OFF
VOUT
VIN = 3.5 V, CIN = CL = 0.1
μF, IOUT = 100 mA, VON / OFF = 0 V → 3.5 V, tr = 1.0 μs
−200
−2
10
1000
8
6
4
2
0
t [
μs]
6
4
2
0
−2
−4
−6
0
200
400
600
800
VON / OFF
VOUT
3. 3 VOUT = 3.5 V
VIN = 4.5 V, CIN = CL = 0.1
μF, IOUT = 1 mA, VON / OFF = 0 V → 4.5 V, tr = 1.0 μs
−200
−2
14
1000
t [
μs]
8
−8
0
200
400
600
800
12
10
8
6
4
2
0
4
2
0
−6
−4
−2
6
VON / OFF
VOUT
VIN = 4.5 V, CIN = CL = 0.1
μF, IOUT = 100 mA, VON / OFF = 0 V → 4.5 V, tr = 1.0 μs
−200
−2
14
1000
t [
μs]
8
−8
0
200
400
600
800
12
10
8
6
4
2
0
4
2
0
−6
−4
−2
6
VON / OFF
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com