Electronic Components Datasheet Search
  English  ▼

X  

S1313 Datasheet(PDF) 25 Page - Seiko Instruments Inc

Part # S1313
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1313 Datasheet(HTML) 25 Page - Seiko Instruments Inc

Back Button S1313 Datasheet HTML 21Page - Seiko Instruments Inc S1313 Datasheet HTML 22Page - Seiko Instruments Inc S1313 Datasheet HTML 23Page - Seiko Instruments Inc S1313 Datasheet HTML 24Page - Seiko Instruments Inc S1313 Datasheet HTML 25Page - Seiko Instruments Inc S1313 Datasheet HTML 26Page - Seiko Instruments Inc S1313 Datasheet HTML 27Page - Seiko Instruments Inc S1313 Datasheet HTML 28Page - Seiko Instruments Inc S1313 Datasheet HTML 29Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_00
S-1313 Series
25
3. Dropout voltage vs. Output current
3. 1 VOUT = 1.0 V
3. 2 VOUT = 2.5 V
0
0
IOUT [mA]
1.4
200
1.2
1.0
0.8
0.6
0.4
0.2
175
150
125
100
75
50
25
Ta =
+25°C
Ta =
+85°C
Ta =
−40°C
0
0
IOUT [mA]
0.50
200
175
150
125
100
75
50
25
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
Ta =
+85°C
Ta =
+25°C
Ta =
−40°C
3. 3 VOUT = 3.5 V
0
0
IOUT [mA]
0.50
200
175
150
125
100
75
50
25
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
Ta =
+85°C
Ta =
+25°C
Ta =
−40°C
4. Dropout voltage vs. Set output voltage
1.0
2.0
2.5
1.2
VOUT(S) [V]
1.5
3.0
3.5
1.0
0.8
0.6
0.4
0.2
0
IOUT = 1 mA
IOUT = 10 mA
IOUT = 30 mA
IOUT = 50 mA
IOUT = 100 mA
IOUT = 200 mA
IOUT = 0.1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com