Electronic Components Datasheet Search
  English  ▼

X  

S1313 Datasheet(PDF) 31 Page - Seiko Instruments Inc

Part # S1313
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1313 Datasheet(HTML) 31 Page - Seiko Instruments Inc

Back Button S1313 Datasheet HTML 27Page - Seiko Instruments Inc S1313 Datasheet HTML 28Page - Seiko Instruments Inc S1313 Datasheet HTML 29Page - Seiko Instruments Inc S1313 Datasheet HTML 30Page - Seiko Instruments Inc S1313 Datasheet HTML 31Page - Seiko Instruments Inc S1313 Datasheet HTML 32Page - Seiko Instruments Inc S1313 Datasheet HTML 33Page - Seiko Instruments Inc S1313 Datasheet HTML 34Page - Seiko Instruments Inc S1313 Datasheet HTML 35Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_00
S-1313 Series
31
4. Output capacitance vs. Characteristics of discharge time (Ta =
+25°C)
VIN = VOUT
+ 1.0 V, IOUT = no load,
VON / OFF = VOUT
+ 1.0 V → VSS, tf = 1 μs
0
CL [
μF]
2468
1.4
010
12
1.2
1.0
0.8
0.6
0.4
0.2
VOUT(S) = 1.0 V
VOUT(S) = 3.5 V
VOUT(S) = 2.5 V
VOUT
VON / OFF
1
μs
tDSC
VOUT
× 10%
VSS
VIN = VOUT
+ 1.0 V
VON / OFF = VOUT
+ 1.0 V → VSS
Figure 22 S-1313 Series A / B type
(with discharge shunt function)
Figure 23 Measurement Condition of Discharge Time
5. Ripple rejection (Ta =
+25°C)
5. 1 VOUT = 1.0 V
5. 2 VOUT = 2.5 V
VIN = 2.0 V, CL = 0.1
μF
10
100
1k
10k
100k
0
Frequency [Hz]
1M
100
90
80
70
60
50
40
30
20
10
IOUT = 1 mA
IOUT = 100 mA
IOUT = 30 mA
VIN = 3.5 V, CL = 0.1
μF
10
100
1k
10k
100k
0
Frequency [Hz]
1M
100
90
80
70
60
50
40
30
20
10
IOUT = 1 mA
IOUT = 100 mA
IOUT = 30 mA
IOUT = 200 mA
5. 3 VOUT = 3.5 V
VIN = 4.5 V, CL = 0.1
μF
10
100
1k
10k
100k
0
Frequency [Hz]
1M
100
90
80
70
60
50
40
30
20
10
IOUT = 1 mA
IOUT = 100 mA
IOUT = 30 mA
IOUT = 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com