Electronic Components Datasheet Search
  English  ▼

X  

S1313 Datasheet(PDF) 24 Page - Seiko Instruments Inc

Part # S1313
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1313 Datasheet(HTML) 24 Page - Seiko Instruments Inc

Back Button S1313 Datasheet HTML 20Page - Seiko Instruments Inc S1313 Datasheet HTML 21Page - Seiko Instruments Inc S1313 Datasheet HTML 22Page - Seiko Instruments Inc S1313 Datasheet HTML 23Page - Seiko Instruments Inc S1313 Datasheet HTML 24Page - Seiko Instruments Inc S1313 Datasheet HTML 25Page - Seiko Instruments Inc S1313 Datasheet HTML 26Page - Seiko Instruments Inc S1313 Datasheet HTML 27Page - Seiko Instruments Inc S1313 Datasheet HTML 28Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1313 Series
Rev.2.1_00
24
Characteristics (Typical Data)
1. Output voltage vs. Output current (When load current increases) (Ta =
+25°C)
1. 1 VOUT = 1.0 V
1. 2 VOUT = 2.5 V
0
0
IOUT [mA]
1.2
500
400
300
200
100
1.0
0.8
0.6
0.4
0.2
VIN = 1.3 V
VIN = 5.5 V
VIN = 1.5 V
VIN = 3.0 V
VIN = 2.0 V
0
0
IOUT [mA]
3.0
500
400
300
200
100
2.5
2.0
1.5
1.0
0.5
VIN = 2.8 V
VIN = 4.5 V
VIN = 5.5 V
VIN = 3.5 V
VIN = 3.0 V
1. 3 VOUT = 3.5 V
0
0
IOUT [mA]
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
500
400
300
200
100
VIN = 3.8 V
VIN = 4.0 V
VIN = 4.5 V
VIN = 5.5 V
Remark In determining the output current, attention should
be paid to the following.
1. The minimum output current value and
footnote *5 in Table 13 in " Electrical
Characteristics"
2. The package power dissipation
2. Output voltage vs. Input voltage (Ta =
+25°C)
2. 1 VOUT = 1.0 V
2. 2 VOUT = 2.5 V
0.6
0.6
VIN [V]
1.2
2.6
2.2
1.8
1.4
1.0
1.1
1.0
0.9
0.8
0.7
IOUT = 1 mA
IOUT = 50 mA
IOUT = 30 mA
IOUT = 100 mA
2.0
2.0
VIN [V]
2.7
2.6
2.5
2.4
2.3
2.2
2.1
4.5
4.0
3.5
3.0
2.5
IOUT = 1 mA
IOUT = 50 mA
IOUT = 30 mA
IOUT = 100 mA
2. 3 VOUT = 3.5 V
3.0
3.0
VIN [V]
3.7
3.6
3.5
3.4
3.3
3.2
3.1
5.5
5.0
4.5
4.0
3.5
IOUT = 1 mA
IOUT = 50 mA
IOUT = 30 mA
IOUT = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com