Electronic Components Datasheet Search
  English  ▼

X  

RT5509WSC Datasheet(PDF) 34 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 34 Page - Richtek Technology Corporation

Back Button RT5509WSC Datasheet HTML 30Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 31Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 32Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 33Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 34Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 35Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 36Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 37Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 38Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5509-00
August
2017
34
ADDR Byte
Bits
R/W
Name
Description
Default
0x1B
1
7:0
R/W
VBAT_GAIN
Mapping VBAT 1LSB to real value
(1LSB = 1/1024V) :
Ex. VBAT 1LSB = 5mV
VBAT_GAIN = 0.005/(1/1024) * 32
=
(MTP)
0x1E
1
1:0
R/W
BST_MODE
Boost mode :
00 : disable
01 : battery
10 : fixed
11 : adaptive
2’b00
0x1F
1
11:6
R/W
BST_THT1
000000 : disabled
000001 to 100001 : 2.9 +
BST_THT1 * 0.2V
e.g. 000001 : 3.1V, 100001 = 9.5V
100010 to 111111 : Reserved
6’b000000
5:0
R/W
BST_TH1
000000 : disabled
000001 to 100001 : 1.3 +
BST_THT1 * 0.2V
e.g. 000001 : 1.5V, 100001 = 7.9V
100010 to 111111 : Reserved
6’b000000
0x20
1
11:6
R/W
BST_THT2
same defination as BST_THT1
6’b000000
5:0
R/W
BST_TH2
same defination as BST_TH1
6’b000000
0x21
1
11:6
R/W
BST_THT3
same defination as BST_THT1
6’b000000
5:0
R/W
BST_TH3
same defination as BST_TH1
6’b000000
0x22
1
7
R/W
EN_AMP_OCP_LATCH
1: enable amplifier OCP latch
0
3:2
R/W
SLEW_RATE
VBST slew rate when using
adaptive mode :
00 : 2.5mV/
s
01 : 5mV/
s
10 : 10mV/
s
11 : 20mV/
s
2’b01
1:0
R/W
BST_TOT
Level timeout time :
00 : 500
s
01 : 1ms
10 : 2ms
11 : 4ms
2’b01
0x23
1
7:0
R/W
SIG_GAIN
Signal path gain :
SIG_GAIN = DA gain * other analog
gain * 10
8’h69
0x24
1
5
R/W
DCM_EN
DCM enable :
0 : disable
1 : enable
1
4
R/W
PSM_EN
PSM enable :
0 : disable
1 : enable
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com