Electronic Components Datasheet Search
  English  ▼

X  

RT5509WSC Datasheet(PDF) 41 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 41 Page - Richtek Technology Corporation

Back Button RT5509WSC Datasheet HTML 37Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 38Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 39Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 40Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 41Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 42Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 43Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 44Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 45Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5509-00
August
2017
www.richtek.com
41
ADDR Byte
Bits
R/W
Name
Description
Default
0x5F
4
6:5
R/W
DRC_CUT_LEAKY
00 : 0dB
01 :
3dB
10 :
6dB
11 :
9dB
2
’b00
4
R/W
EN_LMT_LEAK
0 : disable
1 : let xThresLmtDamage to take
effect
0
3:0
R/W
REG_LEAK_THR
Threshold to set the flag of leaky
speaker
Threshold = REG_LEAK_THR / 128
4
’b0000
0x60
20
159:128
R/W
bq_1_b0
u[31:26], b0[25:0]
32'h00000000
127:96
R/W
bq_1_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
bq_1_b2
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
bq_1_a1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
bq_1_a2
u[31:26], a2[25:0]
32'h00000000
0x61
20
159:128
R/W
bq_2_b0
u[31:26], b0[25:0]
32'h00800000
127:96
R/W
bq_2_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
bq_2_b2
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
bq_2_a1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
bq_2_a2
u[31:26], a2[25:0]
32'h00000000
0x62
20
159:128
R/W
bq_3_b0
u[31:26], b0[25:0]
32'h00800000
127:96
R/W
bq_3_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
bq_3_b2
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
bq_3_a1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
bq_3_a2
u[31:26], a2[25:0]
32'h00000000
0x63
20
159:128
R/W
bq_4_b0
u[31:26], b0[25:0]
32'h00800000
127:96
R/W
bq_4_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
bq_4_b2
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
bq_4_a1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
bq_4_a2
u[31:26], a2[25:0]
32'h00000000
0x64
20
159:128
R/W
bq_5_b0
u[31:26], b0[25:0]
32'h00800000
127:96
R/W
bq_5_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
bq_5_b2
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
bq_5_a1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
bq_5_a2
u[31:26], a2[25:0]
32'h00000000
0x65
20
159:128
R/W
bq_6_b0
u[31:26], b0[25:0]
32'h00800000
127:96
R/W
bq_6_b1
u[31:26], b1[25:0]
32'h00000000
95:64
R/W
bq_6_b2
u[31:26], b2[25:0]
32'h00000000
63:32
R/W
bq_6_a1
u[31:26], a1[25:0]
32'h00000000
31:0
R/W
bq_6_a2
u[31:26], a2[25:0]
32'h00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com