Electronic Components Datasheet Search
  English  ▼

X  

RT5509WSC Datasheet(PDF) 48 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 48 Page - Richtek Technology Corporation

Back Button RT5509WSC Datasheet HTML 44Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 45Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 46Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 47Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 48Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 49Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 50Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 51Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 52Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5509-00
August
2017
48
ADDR Byte
Bits
R/W
Name
Description
Default
0xA3
3
23:0
R
spk_rpt[23:0]
Format : Q0.23, please refer to
spk_rpt_sel
0xA4
3
23:0
R/W
nDelay[23:0]
The delay added to the output
voltage of SPKFB for
synchronization.
nDelay = reg[0xa4] / 2^21
The range is [
2, 3) with 21
fractional bits.
0
0xA5
3
23:0
R/W
res[23:0]
The initial value of the parameter
which is propositional to the
resistance.
Resistance = reg[0xa5] / 2^23
The range is [0, 2) with 23 fractional
bits.
24'h800000
0xA6
3
23:0
R/W
phi1[23:0]
The initial value of the radians for
the adaptive filter.
The radians π/2 is normalized to
1/2, and the range is [
0.5, 0.5] with
23 fractional bits.
Phi1 c = reg[a6] / 2^23 * pi
24'hC4266F
0xA7
3
23:0
R/W
phi2[23:0]
24'h345F58
0xA8
3
23:0
R/W
phi3[23:0]
24'hFE21CB
0xA9
3
23:0
R/W
phi4[23:0]
24'h000000
0xAA
3
23:0
R/W
phi5[23:0]
24'h000000
0xAB
3
23:0
R/W
Adptive_b0[23:0]
The initial value of the expansion
coefficient for the adaptive filter.
The range is [
2, 2) with 22
fractional bits.
B0 = reg[ab] / 2^22
24'h10221
0xAC
3
23:0
R/W
Adptive_b1[23:0]
24'hF1EBC8
0xAD
3
23:0
R/W
Adptive_b2[23:0]
24'h33BD58
0xAE
3
23:0
R/W
Adptive_b3[23:0]
24'h309E9
0xAF
3
23:0
R/W
Adptive_b4[23:0]
24'h000000
0xB0
3
23:0
R/W
Adptive_b5[23:0]
24'h000000
0xB4
1
7
R/W
OTP_PLL_LOCK_IGNOR
E
Access MTP memory without PLL
lock
0
5:4
R/W
D_IB_IDAC2
Boost block Bias current option
00 = 1.25
01 = 2.5
10 = 3.75
11 = 5
2'b01
3
R/W
TDM_EN
I2S TDM enable bit
0
2
R/W
TDM_ADC_SEL
I2S ADC TDM slot selection
0
1
R/W
TDM_DAC_SEL
I2S DAC TDM slot selection
0
0
R/W
dcrEstInSilMod
Do DCR estimation when act signal
is not logic 0
0
0xCF
1
7:0
R/W
DRC_MIN_GAIN
8'hFF
0xD0
1
7:4
R/W
Reserved
2'b00
3:0
R/W
DRC_SET_SEL[3:0]
0000 : DRC1
0001 : DRC2
0010 : DRC3
0011 : DRC4
0100 : DRC5
other : no define
4'h0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com