Electronic Components Datasheet Search
  English  ▼

X  

RT5509WSC Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT5509WSC Datasheet HTML 16Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 17Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 18Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 19Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 20Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 21Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 22Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 23Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5509-00
August
2017
20
Pass-Through Mode
There is pass-through mode for debug or application
use.
SPKE = 0 viewed as DSP through mode, where the
signal is processed by DSP then passed through
volume and amplifier.
Set SPKE = 1 to the normal mode, all functions are
turned on regardless of the setting of DSPE.
Pilot is always disabled if SPKE = 0.
Audio Effect DSP Functions
10-BiQuad
After
channel
selection,
there
are
10
fully
programmable
bi-quad
filters
implemented
for
user-specified frequency response. The coefficients
are 24-
bit 2’s complement numbers, which are set by
I2C interface.
Band-Split & BWE
Dedicated
HPF/LPF
with
programmable
corner
frequency are equipped after 10-Biquad filters, both are
implemented by selectable 1st or 2nd order Butterworth
filter.
LPF is only needed when optional BWE is enabled.
The BWE block generate harmonic terms to recover
the suppressed of low-frequency signal that is not
efficiently conveyed on small loudspeaker.
All the HPF/LPF/BWE functions can be bypassed.
Dynamic Range Control (DRC)
DRC is a specific feature to automatically adjust the
volume gain corresponds to different input signal. With
DRC function, the output dynamic range is under
controlled from input amplitude is unknown or varies
over a wide range. The RT5509 provide three
thresholds as dynamic range compression (DRC_TH0),
extension (DRC_TH1) and Noise Gate. For the
application of compression and extension, the slope
ratio can be programmed as R0 and R1, respectively.
Input Level (dB)
Dynamic
Range
Expander
Compressor/Limit
Noise Gate
Compressor rate
Figure 14. Dynamic Range Control
DRC function is composed of several parts as following
Figure.
The
input
signal
passes
through
the
programmable Energy Filter (DRC_AE). The Filter
structure is shown in Figure 15. The time constant of
each filter can be determined by below equation :
window
S
-1
t
=
f In (1 - ae)
Then, the filtered signal is compared with the given
compression threshold. After the comparison between
Input signal amplitude and threshold, the Attack Rate
(DRC_AA) determines how quickly the DRC gain
decreases when the signal amplitude is high. The
Decay Rate (DRC_AD) determines how quickly the
DRC gain increases when the signal amplitude is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com