Electronic Components Datasheet Search
  English  ▼

X  

RT5509WSC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5509WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 9Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 10Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 11Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 12Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 13Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 14Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5509-00
August
2017
www.richtek.com
11
Typical Operating Characteristics
THD+N vs. Output Power
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Output Power (W)
6kHz
1kHz
100kHz
VBAT = 3.6V, RL = 8 + 22H
THD+N vs. Frequency
0.01
0.1
1
10
100
1000
10000
100000
Frequency (Hz)
VBAT = 3.6V, RL = 8 + 22H, PO = 500mW
Efficiency vs. Output Power
0
10
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Output Power (W)
VBAT = 3.6V, RL = 8 + 22H,
100Hz input frequency
Output Power vs. Battery Supply Voltage
0.0
0.7
1.4
2.1
2.8
3.5
4.2
4.9
5.6
6.3
7.0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
6.0
Battery Supply Voltage (V)
Adaptive mode PO
Battery
VBAT = 3.6V, RL = 8 + 22H, PO at THD+N = 1%
Adaptive mode PO un-limit
PSRR
-100
-50
0
10
100
1000
10000
100000
Ripple Frequency (Hz)
VBAT = 3.6V, RL = 8 + 22H,
ripple = 200mVpp on VBAT
Boost Change Mode Behavior
VBAT = 3.6V, RL = 8 + 22H, 100Hz
Time (2.5ms/Div)
Boost
Output
(2V/Div)
IVBAT
(1A/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com