Electronic Components Datasheet Search
  English  ▼

X  

RT5509WSC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT5509WSC
Description  Speaker Amplifier with Speaker Protection
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509WSC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT5509WSC Datasheet HTML 5Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 6Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 9Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 10Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 11Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 12Page - Richtek Technology Corporation RT5509WSC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5509-00
August
2017
www.richtek.com
9
Typical Application Circuit
Control Interface
SDA
G1
LRCK1
BCK1
DAI1
DATAO
LRCK2
BCK2
DAI2
DATAI
Audio Interface 1
VSPOUTN
VSPOUTP
1.8V
F1
SCL
A2
A1
B1
A3
C1
D1
E1
B3
G3
F2
F3
E5,
F5,
G5
B5,
B6,
C5
B2,
C2,
D2,
E2
D4
C4
A6
C6
VBAT
CDVDD
100nF
Base Band
Processor
CPVDD
22
μF
G2
A7,
B7,
C7
E7, F7, G7
E6, F6, G6
LX
VBST
RT5509
C3,
D3,
E3,
E4
F4,
G4,
D5
RST
A4
B4
INT
NC1
NC2
D6
D7
LBST
CVBAT
1
μH
10
μF
Figure 3. Mono Mode Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com