Electronic Components Datasheet Search
  English  ▼

X  

X9530 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X9530
Description  Temperature Compensated Laser Diode Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9530 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X9530 Datasheet HTML 9Page - Xicor Inc. X9530 Datasheet HTML 10Page - Xicor Inc. X9530 Datasheet HTML 11Page - Xicor Inc. X9530 Datasheet HTML 12Page - Xicor Inc. X9530 Datasheet HTML 13Page - Xicor Inc. X9530 Datasheet HTML 14Page - Xicor Inc. X9530 Datasheet HTML 15Page - Xicor Inc. X9530 Datasheet HTML 16Page - Xicor Inc. X9530 Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
X9530
Characteristics subject to change without notice.
13 of 30
REV 3.7 8/26/04
www.xicor.com
Serial Clock and Data
Data states on the SDA line can change only while
SCL is LOW. SDA state changes while SCL is HIGH
are
reserved
for
indicating
START
and
STOP
conditions. See Figure 10. On power up of the X9530,
the SDA pin is in the input mode.
Serial Start Condition
All commands are preceded by the START condition,
which is a HIGH to LOW transition of SDA while SCL is
HIGH. The device continuously monitors the SDA and
SCL lines for the START condition and does not
respond to any command until this condition has been
met. See Figure 9.
Serial Stop Condition
All communications must be terminated by a STOP
condition, which is a LOW to HIGH transition of SDA
while SCL is HIGH. The STOP condition is also used
to place the device into the Standby power mode after
a read sequence. A STOP condition can only be
issued after the transmitting device has released the
bus. See Figure 9.
Serial Acknowledge
An ACK (Acknowledge), is a software convention used
to indicate a successful data transfer. The transmitting
device, either master or slave, releases the bus after
transmitting eight bits. During the ninth clock cycle, the
receiver pulls the SDA line LOW to acknowledge the
reception of the eight bits of data. See Figure 11.
The device responds with an ACK after recognition of a
START condition followed by a valid Slave Address
byte. A valid Slave Address byte must contain the
Device Type Identifier 1010, and the Device Address
bits matching the logic state of pins A2, A1, and A0.
See Figure 13.
If a write operation is selected, the device responds
with an ACK after the receipt of each subsequent
eight-bit word.
In the read mode, the device transmits eight bits of
data, releases the SDA line, and then monitors the line
for an ACK. The device continues transmitting data if
an ACK is detected. The device terminates further data
transmissions if an ACK is not detected. The master
must then issue a STOP condition to place the device
into a known state.
The X9530 acknowledges all incoming data and
address bytes except: 1) The “Slave Address Byte”
when the “Device Identifier” or “Device Address” are
wrong; 2) All “Data Bytes” when the “WEL” bit is “0”,
with the exception of a “Data Byte” addresses to
location 86h; 3) “Data Bytes” following a “Data Byte”
addressed to locations 80h, 85h, or 86h.
Figure 8. D/A Converter Power on Reset Response
Ix
Ix x 10%
ADC TIME
Current
Time
Time
Vcc
VADCOK
0V
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com