Electronic Components Datasheet Search
  English  ▼

X  

X9530 Datasheet(PDF) 26 Page - Xicor Inc.

Part # X9530
Description  Temperature Compensated Laser Diode Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9530 Datasheet(HTML) 26 Page - Xicor Inc.

Back Button X9530 Datasheet HTML 22Page - Xicor Inc. X9530 Datasheet HTML 23Page - Xicor Inc. X9530 Datasheet HTML 24Page - Xicor Inc. X9530 Datasheet HTML 25Page - Xicor Inc. X9530 Datasheet HTML 26Page - Xicor Inc. X9530 Datasheet HTML 27Page - Xicor Inc. X9530 Datasheet HTML 28Page - Xicor Inc. X9530 Datasheet HTML 29Page - Xicor Inc. X9530 Datasheet HTML 30Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
X9530
Characteristics subject to change without notice.
26 of 30
REV 3.7 8/26/04
www.xicor.com
2-WIRE INTERFACE A.C. CHARACTERISTICS
2-WIRE INTERFACE TEST CONDITIONS
NONVOLATILE WRITE CYCLE TIMING
Notes: 1.
Cb = total capacitance of one bus line (SDA or SCL) in pF.
2.
tWC is the time from a valid STOP condition at the end of a write sequence to the end of the self-timed internal nonvolatile write
cycle. It is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
3.
The minimum frequency requirement applies between a START and a STOP condition.
4.
These parameters are periodically sampled and not 100% tested.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions / Notes
fSCL
SCL Clock Frequency
1(3)
400
kHz
See “2-Wire Interface Test
Conditions” (below),
See Figure 22, Figure 23
and Figure 24.
tIN
(4)
Pulse width Suppression Time at
inputs
50
ns
tAA
(4)
SCL Low to SDA Data Out Valid
900
ns
tBUF
(4)
Time the bus free before start of new
transmission
1300
ns
tLOW
Clock Low Time
1.3
1200(3)
µs
tHIGH
Clock High Time
0.6
1200(3)
µs
tSU:STA
Start Condition Setup Time
600
ns
tHD:STA
Start Condition Hold Time
600
ns
tSU:DAT
Data In Setup Time
100
ns
tHD:DAT
Data In Hold Time
0
µs
tSU:STO
Stop Condition Setup Time
600
ns
tDH
Data Output Hold Time
50
ns
tR
(4)
SDA and SCL Rise Time
20
+0.1Cb(1)
300
ns
tF
(4)
SDA and SCL Fall Time
20
+0.1Cb(1)
300
ns
tSU:WP
(4)
WP Setup Time
600
ns
tHD:WP
(4)
WP Hold Time
600
ns
Cb(4)
Capacitive load for each bus line
400
pF
Input Pulse Levels
10 % to 90 % of Vcc
Input Rise and Fall Times, between 10% and 90%
10 ns
Input and Output Timing Threshold Level
1.4V
External Load at pin SDA
2.3 k
Ω to Vcc and 100 pF to Vss
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions / Notes
tWC
(2)
Nonvolatile Write Cycle Time
5
10
ms
See Figure 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com