| Electronic Components Datasheet Search |
|
X9530 Datasheet(PDF) 20 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X9530 Datasheet(HTML) 20 Page - Xicor Inc. |
|
20 / 30 page ![]() X9530 Characteristics subject to change without notice. 20 of 30 REV 3.7 8/26/04 www.xicor.com APPLICATIONS INFORMATION Temperature Sensing The X9530’s on-chip temperature sensor functions similarly to other semiconductor temperature sensors. The surface mount package (TSSOP) and the Chip Scale Package both allow good thermal conduction from the PC board to the die, so the X9530 will provide an accurate measure of the temperature of the board. If there is no ambient air movement over the device package or the board, then the measured temperature will be very close to that of the board. If there is air movement over the package and the air temperature is substantially different from that of the PC board, then the measured temperature will be at a value between that of the board and the air. If the X9530 is intended to sense the temperature of a particular component on the board, the X9530 should be located as close as possible to that component to minimize contributions from other devices or the differential temperatures across the board. X9530 LASER DIODE BIAS APPLICATION EXAMPLE The X9530 is ideally suited to the control of temperature sensitive parameters in fiber optic applications. Figure 20 shows the typical topology of a laser driver circuit used in many fiber optic transceiver modules. This example uses a common anode connected Laser Diode (LD), in conjunction with a PIN Monitor Photo- Diode (MPD). The laser diode current (ILD) is a summation of the Bias Current (IBIAS), Modulation Current (IMOD) and the Automatic Power Control (APC) error signal current (IMON). The APC circuit uses the MPD current (IMON) as an input, and ensures that a constant average optical power output of the LD is maintaned. The modulation circuitry is driven by an external high speed data source. Typical control parameters of a LD driver circuit such as the one shown in Figure 20 may be: – IMODSET : Sets the IMOD level, – IBIASSET : Sets the IBIAS level, – IPINSET: Sets the average optical power output. Figure 21 shows how the X9530 may be used to control these parameters while providing accurate temperature compensation. In this example the I1 output of the X9530 drives the IMODSET input of the laser diode circuit. By loading the appropriate values into the look-up table (LUT1) of the device, it can dynamically change the modulation current of the driver circuit. This may be used to compensate for the effect of reduced laser light output at elevated temperatures. Depending upon the type of driver circuit used, the I2 output of the X9530 may be used to control either IBIASSET or IPINSET parameters. The example in Figure 21 uses I2 to control the IPINSET parameter, while IBIASSET is set at a fixed value using a Xicor Digital potentiometer. Similar to the control of the modulation current, I2 may be used to compensate for changes in IMON over temperature. By loading the appropriate values into the look-up table (LUT2) of the device, this would have the effect of dynamically controlling the average optical power output of the LD (via the APC circuit) over temperature. The lookup table values for this fiber optic application could be determined in two ways. One way is to use well-defined data for LD and monitor photo diode drift over temperature, and calculate the appropriate I1 and I2 values needed at each temperature setting. Another way is to test the assembled module over temperature and load values into the tables at each setting. This will require APC on/off control to determine each MODSET value. See Xicor application note AN156 for a full design analysis with LD driver application. If design requirements are such that no temperature compensation is necessary for the average optical power output of the LD, then the I2 output pin could be used to set the bias current. IBIASET of the driver circuit may be controlled by I2 of the X9530, and the same current level could be set with control 4 register. This would provide a constant (temperature independant) setting for the bias current. As previously described, the X9530 also contains general purpose EEPROM memory which may be accessed by the 2 wire serial bus. In the case of pluggable fiber optic applications such as GBIC, SFP or SFF this memory may be used for the storage of transceiver module parameters. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |