Electronic Components Datasheet Search
  English  ▼

X  

X9530 Datasheet(PDF) 17 Page - Xicor Inc.

Part # X9530
Description  Temperature Compensated Laser Diode Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9530 Datasheet(HTML) 17 Page - Xicor Inc.

Back Button X9530 Datasheet HTML 13Page - Xicor Inc. X9530 Datasheet HTML 14Page - Xicor Inc. X9530 Datasheet HTML 15Page - Xicor Inc. X9530 Datasheet HTML 16Page - Xicor Inc. X9530 Datasheet HTML 17Page - Xicor Inc. X9530 Datasheet HTML 18Page - Xicor Inc. X9530 Datasheet HTML 19Page - Xicor Inc. X9530 Datasheet HTML 20Page - Xicor Inc. X9530 Datasheet HTML 21Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
X9530
Characteristics subject to change without notice.
17 of 30
REV 3.7 8/26/04
www.xicor.com
Page Write Operation
The 2176-bit memory array is physically realized as
one contiguous array, organized as 17 pages of 16
bytes each. In order to perform a Page Write operation
to the memory array, the Write Enable Latch (WEL) bit
in Control register 6 must first be set (See “WEL: Write
Enable Latch (Volatile)” on page 7.)
A Page Write operation is initiated in the same manner
as the byte write operation; but instead of terminating
the write cycle after the first data byte is transferred,
the master can transmit up to 16 bytes (See Figure
16). After the receipt of each byte, the X9530 responds
with an ACK, and the internal byte address counter is
incremented by one. The page address remains
constant. When the counter reaches the end of the
page, it “rolls over” and goes back to the first byte of
the same page.
For example, if the master writes 12 bytes to a 16-byte
page starting at location 11 (decimal), the first 5 bytes
are written to locations 11 through 15, while the last 7
bytes are written to locations 0 through 6 within that
page. Afterwards, the address counter would point to
location 7. If the master supplies more than 16 bytes of
data, then new data overwrites the previous data, one
byte at a time (See Figure 17).
The master terminates the loading of Data Bytes by
issuing
a
STOP
condition,
which
initiates
the
nonvolatile write cycle. As with the Byte Write
operation, all inputs are disabled until completion of the
internal write cycle.
A Page Write operation cannot be performed on the
page at locations 80h through 8Fh. Next section
describes the special cases within that page.
A Page Write operation starting with byte address FFh,
accesses the page between locations 100h and 10Fh.
The first data byte of such operation is written to
location 100h.
Writing to Control Registers
The byte at location 80h, and bytes at locations 85h
through 8Fh are written using Byte Write operations.
They cannot be written using a Page Write operation.
Control bytes 1 through 4, at locations 81h through 84h
respectively, are written during a single operation (See
Figure 18). The sequence must be: a START, followed
by a Slave Address byte, with the R/W bit equal to “0”,
followed by 81h as the Address Byte, and then
followed by exactly four Data Bytes, and a STOP
S
t
a
r
t
S
t
o
p
Slave
Address
Address
Byte
Data
Byte
A
C
K
Signals from
the Master
Signals from
the Slave
A
C
K
1
0
1
00
A
C
K
Write
Signal at SDA
Figure 15. Byte Write Sequence
2 < n < 16
Signals from
the Master
Signals from
the Slave
Signal at SDA
S
t
a
r
t
Slave
Address
Address
Byte
A
C
K
A
C
K
1
0
1
00
Data Byte (1)
S
t
o
p
A
C
K
A
C
K
Data Byte (n)
Write
Figure 16. Page Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com