Electronic Components Datasheet Search
  English  ▼

X  

X9530 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9530
Description  Temperature Compensated Laser Diode Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9530 Datasheet(HTML) 2 Page - Xicor Inc.

  X9530 Datasheet HTML 1Page - Xicor Inc. X9530 Datasheet HTML 2Page - Xicor Inc. X9530 Datasheet HTML 3Page - Xicor Inc. X9530 Datasheet HTML 4Page - Xicor Inc. X9530 Datasheet HTML 5Page - Xicor Inc. X9530 Datasheet HTML 6Page - Xicor Inc. X9530 Datasheet HTML 7Page - Xicor Inc. X9530 Datasheet HTML 8Page - Xicor Inc. X9530 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
X9530
Characteristics subject to change without notice.
2 of 30
REV 3.7 8/26/04
www.xicor.com
PIN CONFIGURATION
DEVICE DESCRIPTION
The X9530 combines two Programmable Current
Generators, and integrated EEPROM with Block
Lock™ protection, in one package. The Programmable
Current Generators are ideal for use in fiber optic
Modulation Current require temperature control. The
combination of the X9530 functionality and Xicor’s
Chip-Scale package lowers system cost, increases
reliability, and reduces board space requirements.
Two on-chip Programmable Current Generators may
be independently programmed to either sink or source
current.
The
maximum
current
generated
is
determined
by
using
an
externally
connected
programming resistor, or by selecting one of three
predefined values. Both current generators have a
maximum output of ±1.6 mA, and may be controlled to
an absolute resolution of 0.39% (256 steps / 8 bit).
Both current generators may be driven using an on-
board temperature sensor, an external sensor, or
Control Registers. The internal temperature sensor
operates over a very broad temperature range (-40
°C
to +100
°C). The sensor output (internal or external)
drives a 6-bit A/D converter, whose output selects one
of 64 bytes from each nonvolatile look-up table (LUT).
The contents of the selected LUT row (8-bit wide)
drives the input of an 8-bit D/A converter, which
generates the output current.
All control and setup parameters of the X9530,
including the look-up tables, are programmable via the
2-wire serial port.
The general purpose memory portion of the device is a
CMOS serial EEPROM array with Xicor’s Block LockTM
protection. This memory may be used to store fiber
optic module manufacturing data, serial numbers, or
various other system parameters.
Vss
A2
3
4
I2
R1
R2
Vcc
A0
1
10
11
9
12
7
8
SCL
6
A1
2
WP
5
VRef
VSense
13
14
I1
SDA
TSSOP 14L
Top View - Bumps Down CSP – B15
32
1
A
B
C
D
E
A0
I2
VRef
Vcc
A1 VSense
SCL
A2
Vss
SDA Vss
R2
WP
I1
R1
BLOCK DIAGRAM
SDA
SCL
WP
2-Wire
I2
VRef
R2
VSense
Interface
A2, A1, A0
DAC 2
ADC
Look-up
Table 1
Look-up
Table 2
Control
& Status
General
Purpose
Memory
Mux
Mux
I1
R1
DAC 1
Mux
Mux
Temperature
Sensor
Voltage
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com