Electronic Components Datasheet Search
  English  ▼

X  

X9530 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9530
Description  Temperature Compensated Laser Diode Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9530 Datasheet(HTML) 3 Page - Xicor Inc.

  X9530 Datasheet HTML 1Page - Xicor Inc. X9530 Datasheet HTML 2Page - Xicor Inc. X9530 Datasheet HTML 3Page - Xicor Inc. X9530 Datasheet HTML 4Page - Xicor Inc. X9530 Datasheet HTML 5Page - Xicor Inc. X9530 Datasheet HTML 6Page - Xicor Inc. X9530 Datasheet HTML 7Page - Xicor Inc. X9530 Datasheet HTML 8Page - Xicor Inc. X9530 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
X9530
Characteristics subject to change without notice.
3 of 30
REV 3.7 8/26/04
www.xicor.com
The EEPROM array is internally organized as 272 x 8
bits with 16-Byte pages, and utilizes Xicor’s proprietary
Direct WriteTM cells, providing a minimum endurance
of 100,000 Page Write cycles and a minimum data
retention of 100 years.
PIN ASSIGNMENTS
TSSOP
Pin
CSP
Pin
Pin
Name
Pin Description
1A3
A0
Device Address Select Pin 0. This pin determines the LSB of the device address
required to communicate using the 2-wire interface. The A0 pin has an on-chip pull-
down resistor.
2B2
A1
Device Address Select Pin 1. This pin determines the intermediate bit of the device
address required to communicate using the 2-wire interface. The A1 pin has an on-
chip pull-down resistor.
3C2
A2
Device Address Select Pin 2. This pin determines the MSB of the device address
required to communicate using the 2-wire interface. The A2 pin has an on-chip pull-
down resistor.
4B3
Vcc
Supply Voltage.
5E3
WP
Write Protect Control Pin. This pin is a CMOS compatible input. When LOW, Write
Protection is enabled preventing any “Write” operation. When HIGH, various areas of
the memory can be protected using the Block Lock bits BL1 and BL0. The WP pin has
an on-chip pull-down resistor, which enables the Write Protection when this pin is left
floating.
6C3
SCL
Serial Clock. This is a TTL compatible input pin. This input is the 2-wire interface clock
controlling data input and output at the SDA pin.
7D3
SDA
Serial Data. This pin is the 2-wire interface data into or out of the device. It is TTL
compatible when used as an input, and it is Open Drain when used as an output. This
pin requires an external pull up resistor.
8E2
I1
Current Generator 1 Output. This pin sinks or sources current. The magnitude and
direction of the current is fully programmable and adaptive. The resolution is 8 bits.
9E1
R1
Current Programming Resistor 1. A resistor between this pin and Vss can set the
maximum output current available at pin I1. If no resistor is used, the maximum current
must be selected using control register bits.
10
D1
R2
Current Programming Resistor 2. A resistor between this pin and Vss can set the
maximum output current available at pin I2. If no resistor is used, the maximum current
must be selected using control register bits.
11
C1, D2
Vss
Ground.
12
B1
VSense
Sensor Voltage Input. This voltage input may be used to drive the input of the on-
chip A/D converter.
13
A1
VRef
Reference Voltage Input or Output. This pin can be configured as either an Input or
an Output. As an Input, the voltage at this pin is provided by an external source. As
an Output, the voltage at this pin is a buffered output voltage of the on-chip bandgap
reference circuit. In both cases, the voltage at this pin is the reference for the A/D
converter and the two D/A converters.
14
A2
I2
Current Generator 2 Output. This pin sinks or sources current. The magnitude and
direction of the current is fully programmable and adaptive. The resolution is 8 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com